Electronic Components Datasheet Search
  English  ▼

X  

DP0560 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DP0560
Description  Phase Shifter, 3 Section
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DP0560 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DP0560 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. N/D / Iss. 1
MODEL NO.
DP0560
Phase Shifter, 3 Section
FEATURES
HDI
DA ICO
I ndustries
461 - 471 MHz
45
° LSB, 315° Range
Integrated Power Divider for REF Channel
Integrated Amplifier for Equal Insertion Loss
ECL Driver
PART
IDENTIFICATION
2.00
1.40
.200
TYP
.30 TYP
CONTRASTING
COLOR BEAD
.400
.350
GND
B0
B1
B2
.018 DIA LEAD
16 PLACES
1.00
.100
MAX
MOUNTING
SURFACE
.180 MAX
.xx = .02
.xxx = .010
PHASE SHIFTER
3 SECTION
POWER
DIVIDER
C1
C2
B0
GND
INPUT
A1
AMPLIFIER
A2
OUTPUT
C1
C2
B1
C1
C2
B2
OUTPUT
A3
GND
GND
GND
+15V
-5.2V
+5V
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
461
466
471
MHz
DC Current
75
100
mA
At +15 VDC Supply
60
150
mA
At +5 VCD Supply
90
150
mA
At -5.2 VDC Supply
Control Type
ECL
2 Line Differential
See Logic Table
Control Current
High
7.65
8.5
9.35
mA
C1 = -0.8V, C2 = -1.65V
Low
-7.65
-8.5
-9.35
mA
C1 = -1.65V, C2 = -0.8V
Insertion Loss
A1 - A2
3.2
3.5
4.1
dB
At +25
°C
or A1 - A3
3.8
4.5
dB
At Temperature Extremes
Balance Between
0.1
0.75
dB
At 25
°C
A2 and A3
0.3
1.0
dB
At Temperature Extremes
Isolation
20
25
dB
Between Ports A2 - A3 or A3 - A2
Phase Shift
LSB
45
DEG
Range
0
315
DEG
45, 90, 180 DEG. J2 with
Respect to J3 Minus PS0
Accuracy
±5 DEG
for 180 Phase Change
±20 DEG
Any Phase State
VSWR
Input
1.2/1
1.6/1
Output
1.2/1
1.6/1
Impedance
50
OHMS
Switching Speed
300
400
nSec
50% ECL to 90% / 10% RF
Transition (Rise/Fall) Time
40
nSec
90% / 10% or 10% / 90% RF
Switching (Video) Transients
10
mV
Peak Value
Intercept Points
2nd
N/A
dBm
3rd
+37
dBm
440 MHz / 453 MHz Inputs
RF Power
Operate
+20
+18
dBm
0.1 dB Compression
+25
+21
dBm
1.0 dB Compression
No Damage
+23
dBm
Operating Temperature
-54
+25
+71
°CTA
GUARANTEED PERFORMANCE
LOGIC “1”
C1 = -0.6V to -1.0V
C2 = -1.4V to -1.9V
LOGIC “0”
C1 = -1.4V to -1.9V
C2 = -0.6V to -1.0V
B2
B1
B0
00
0
PS0
0
00
1
PS1
45
01
0
PS2
90
01
1
PS3
135
10
0
PS4
180
10
1
PS5
225
11
0
PS6
270
11
1
PS7
315
LOGIC TABLE
Control Logic
Phase
Nominal Phase
State
Shift (DEG)


Similar Part No. - DP0560

ManufacturerPart #DatasheetDescription
logo
FranMar International I...
DP05 FRANMAR-DP05 Datasheet
78Kb / 1P
5Watts SIP Type DC - DC Converter
DP05-X0 FRANMAR-DP05-X0 Datasheet
78Kb / 1P
5Watts SIP Type DC - DC Converter
DP05-X1 FRANMAR-DP05-X1 Datasheet
78Kb / 1P
5Watts SIP Type DC - DC Converter
DP05-X2 FRANMAR-DP05-X2 Datasheet
78Kb / 1P
5Watts SIP Type DC - DC Converter
DP05-X3 FRANMAR-DP05-X3 Datasheet
78Kb / 1P
5Watts SIP Type DC - DC Converter
More results

Similar Description - DP0560

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DP0921 DAICO-DP0921 Datasheet
30Kb / 1P
Phase Shifter 6 Section
CPS42126 DAICO-CPS42126 Datasheet
184Kb / 1P
Phase Shifter 4 Section
CPS42127 DAICO-CPS42127 Datasheet
176Kb / 1P
Phase Shifter 4 Section
CPS49092 DAICO-CPS49092 Datasheet
194Kb / 1P
Phase Shifter 4 Section
CPS49093 DAICO-CPS49093 Datasheet
213Kb / 1P
Phase Shifter, 4 Section
DPS38017 DAICO-DPS38017 Datasheet
25Kb / 1P
3 Section Phase Shifter
DPS42028 DAICO-DPS42028 Datasheet
169Kb / 1P
Phase Shifter 4 Section
DPS42029 DAICO-DPS42029 Datasheet
175Kb / 1P
Phase Shifter 4 Section
DPS89032 DAICO-DPS89032 Datasheet
167Kb / 1P
Phase Shifter 8 Section
DP0877 DAICO-DP0877 Datasheet
36Kb / 1P
3 Section Phase Shifter / Amplifier/ Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com