Electronic Components Datasheet Search
  English  ▼

X  

YM Datasheet(PDF) 3 Page - C&K Components

Part # YM
Description  4 Tumbler Miniature Switchlocks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

YM Datasheet(HTML) 3 Page - C&K Components

  YM Datasheet HTML 1Page - C&K Components YM Datasheet HTML 2Page - C&K Components YM Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
L–17
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
L
All models
with all options when ordered with ‘Q’ contact material.
YM Series
4 Tumbler Miniature Switchlocks
TERMINATIONS
MOUNTING STYLE
CONTACT MATERIAL
AVAILABLE HARDWARE
PANEL MOUNTING
.420
(10,67)
.472 DIA.
(11,99 )
Panel thickness:
.300 (7,62) max.
N  WITH NUT
WC  WIRE LEAD
05  QUICK CONNECT
Nut part number: 1790901A47
Black wire standard, other colors and
lengths available, consult Customer
Service Center. UL style 1015.
Key Code: 0029
PART NO. (ONE KEY)
960B10029
Material: Brass
Finish: Nickel plate
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated (standard with all
termination options).
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 AC V AC (UL/CSA).
LOW LEVEL/DRY CIRCUIT
B
SILVER 2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX.
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
GOLD 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com