Electronic Components Datasheet Search
  English  ▼

X  

DS0052 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0052
Description  PIN Diode SP2T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0052 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0052 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
10
2000
MHz
DC Current
15
25
mA
at +5 VDC Supply
Control Type
TTL
1 Line
Logic “0”= RF COM to RF2
Logic “1”= RF COM to RF1
Control Current
High
120
µA
VIH = +2.7V
Low
120
µA
VIL = +0.5V
Insertion Loss
0.6
0.8
dB
10 - 200 MHz
0.9
1.2
dB
200 - 500 MHz
1.0
1.6
dB
500 - 1000 MHz
1.5
2.2
dB
1000 - 2000 MHz
Insertion Loss Flatness
±0.1
±0.2
dB
20 - 200 MHz
Isolation
70
82
dB
10 - 100 MHz
50
62
dB
100 - 500 MHz
40
50
dB
500 - 1000 MHz
30
40
dB
1000 - 2000 MHz
VSWR
Thru
1.15/1
1.25/1
10 - 1000 MHz
1.2/1
1.5/1
1000 - 2000 MHz
Termination
1.1/1
1.3/1
10 - 1000 MHz
1.3/1
1.5/1
1000 - 2000 MHz
Impedance
50
OHMS
Switching Speed
0.4
1.0
µSEC
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
0.1
µSEC
90% / 10% or 10% / 90% RF
Switching (Video) Transients
780
mV
Peak Value
Intercept Points
2nd
+72
dBm
70 MHz / 50 MHz
3rd
+42
dBm
35 MHz / 50 MHz
RF Power
Operate
+12
+10
dBm
0.1 dB Compression
No Damage
+30
dBm
Operating Temperature
-55
+25
+125
°CTA
COLOR BEAD
CONTRASTING
.50
.600
.20
.22
.018 DIA LEAD
14 PLACES
.87
PART IDENTIFICATION
SQUARE
CORNER
.300
.100
TYP
17
8
14
.xx = .02
.xxx = .010
RF2
RF COM
RF1
"0"
CONTROL
N/C
GND
GND
GND
GND
GND
GND
GND
14
13
12
11
10
98
7
6
5
4
3
2
1
50Ω
50Ω
+5V
GND
N/C = No Internal Connection
•
•
•
•
•
•
MODEL NO.
DS0052
PIN Diode SP2T
FEATURES
10 - 2000 MHz
TTL Driver
Non-Reflective
14 Pin DIP
See CDS0622 or 100C1558
for Connectorized Versions
SP2T
GUARANTEED PERFORMANCE
D AICO
I ndustries
TYPICAL PERFORMANCE
at 25 °C
3000
1000
400
100
40
10
4
1
100
2.0
1.8
75
50
25
0.5
1.0
1.5
1.6
1.4
1.2
1.0
0
0
FREQUENCY (MHz)
ISO
I. LOSS
VSWR
Iss. 2


Similar Part No. - DS0052

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
DS005AKA SONY-DS005AKA Datasheet
314Kb / 12P
Single-Panel Liquid Crystal Optical Engine for Rear Projectors
DS005AKC SONY-DS005AKC Datasheet
343Kb / 12P
Single-Panel Liquid Crystal Optical Engine for Rear Projectors
More results

Similar Description - DS0052

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0613 DAICO-DS0613 Datasheet
157Kb / 1P
PIN Diode SP2T
CDS0622 DAICO-CDS0622 Datasheet
156Kb / 1P
PIN Diode SP2T
CDS0667 DAICO-CDS0667 Datasheet
155Kb / 1P
PIN Diode SP2T
CDS0912 DAICO-CDS0912 Datasheet
163Kb / 1P
PIN Diode SP2T
CDS0979 DAICO-CDS0979 Datasheet
144Kb / 1P
PIN Diode SP2T
DS0612 DAICO-DS0612 Datasheet
165Kb / 1P
Pin Diode SP2T
DS0880 DAICO-DS0880 Datasheet
152Kb / 1P
PIN Diode SP2T
DS0966-1 DAICO-DS0966-1 Datasheet
156Kb / 1P
PIN Diode SP2T
DSW29029 DAICO-DSW29029 Datasheet
38Kb / 1P
PIN Diode SP2T
logo
M/A-COM Technology Solu...
MSW205X-205 MA-COM-MSW205X-205 Datasheet
1Mb / 12P
SP2T PIN Diode Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com