Electronic Components Datasheet Search
  English  ▼

X  

DS0097 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0097
Description  PIN Diode Transfer Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0097 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0097 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.600
.600
.75
.75
.100 TYP
1
7
13
19
.20
.20
.018 DIA
24 PLACES
PART IDENTIFICATION
CONTRASTING
COLOR BEAD
24
TYPICAL PERFORMANCE
at 25
°C
ISO
VSWR
I. LOSS
FREQUENCY (MHz)
1.8
1.6
1.4
1.2
1.0
1.0
.75
.50
.25
0
1000
500
100
50
10
5
1
0
20
40
60
80
LOGIC TABLE
“0”
RF1 TO RF4
RF2 TO RF3
RF1 TO RF2
RF3 TO RF4
“1 ”
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
15
300
MHz
DC Current
9
20
At +5 VDC Supply
Control Type
CMOS
1 Line, See Logic Table
Control Current
0
µSEC
VIH = +5V
0
µSEC
VIL = 0V
Insertion Loss
0.55
1
dB
Amplitude Balance
0.02
±0.1 dB
15 - 100 MHz
0.08
±0.2 dB
100 - 300 MHz
Phase Balance
0.3
±1 DEG
15 - 100 MHz
1
±3 DEG
100 - 300 MHz
Isolation
50
60
dB
VSWR
Thru
1.16/1 1.25/1
Impedance
50
OHMS
Switching Speed
510
µSEC
50% CMOS - 90% / 10% RF
Transition (Rise/Fall) Time
25
µSEC
90% / 10% or 10% / 90% RF
Switching (Video) Transients
205
mV
Peak Value
Intercept Points
2nd
+78
dBm
3rd
+46
dBm
RF Power
Operate
+14
+10
dBm
+30
dBm
Operating Temperature
-55
+25
+85
°CTA
GUARANTEED PERFORMANCE
2
6
8
9
11
12
14
15
16
17
18
20
21
22
23
24
GND
MODEL NO.
DS0097
PIN Diode Transfer Switch
FEATURES
15 - 300 MHz
5V CMOS Driver
Small .75 Sq. Package
XFER
D A ICO
I ndustries
RF4
19
RF3
13
RF1
1
RF2
7
34
5
10
+5V
CONT
VSS
N/C
“1”
N/C=NO INTERNAL CONNECTION


Similar Part No. - DS0097

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DS009 ADAM-TECH-DS009 Datasheet
117Kb / 1P
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
More results

Similar Description - DS0097

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C1287 DAICO-100C1287 Datasheet
26Kb / 1P
PIN Diode Transfer Switch
100C1297 DAICO-100C1297 Datasheet
136Kb / 1P
PIN Diode Transfer Switch
DS0319 DAICO-DS0319 Datasheet
140Kb / 1P
PIN Diode Transfer Switch
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
GaAs Transfer Switch, GaAs Transfer Switch,
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
Transfer Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
Transfer Switch
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
Transfer Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com