Electronic Components Datasheet Search
  English  ▼

X  

DS0137 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0137
Description  PIN Diode SP7T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0137 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0137 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF1
3
4
CONT 1
RF2
1
2
CONT2
RF3
16
15
CONT 3
RF4
14
13
CONT 4
RF5
12
11
CONT 5
RF6
10
9
CONT 6
RF7
8
7
CONT 7
•
5
RF
COM
8
GND
.xx = .02
.xxx = .010
SQUARE
CORNER
.97
16 PLACES
.018
±.002 DIA
PART IDENTIFICATION
.22
.18
TYP
.100
.700
.600
.796
16
9
8
1
TYPICAL PERFORMANCE
at 25
°C
100
40
10
1.2
1.3
1.4
1.5
1.6
0.5
1.2
1.6
2.0
2.4
20
60
80
100
120
1.0
0
0
1.1
0.8
40
FREQUENCY (MHz)
ISO
I. LOSS
VSWR
400
1000
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
2 0
400
MHz
Control Type
CMOS
7 Line - 1 to each switch
Compatable W/MC88C29
Driver
Logic: +12 V = Thru
Logic: +0 V = Isolation
Control Current
High
4
10
mA
VIH = +12 V
Low
0
0
mA
VIL = +0 V
Insertion Loss
0.9
1.5
dB
Isolation
40
60
dB
VSWR
Thru
1.15/1
1.5/1
Impedance
50
OHMS
Switching Speed
100
µSEC
50% Control to 90% / 10% RF
RF Power
Operate
+10
dBm
0.1 dB Compression
No Damage
+20
dBm
Operating Temperature
-55
+25
+125
°CTA
GUARANTEED PERFORMANCE
MODEL NO.
DS0137
PIN Diode SP7T
FEATURES
20 - 400 MHz
Small 16 Pin DIP
Low Cost
Low Current Consumption
SP7 T
D A ICO
I ndustries
Rev. C / Iss. 1


Similar Part No. - DS0137

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DS0130LED02 JIANGSU-DS0130LED02 Datasheet
620Kb / 4P
Schottky Barrier Diode
More results

Similar Description - DS0137

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
PIN DIODE
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
PIN diode
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
PIN DIODE
logo
DAICO Industries, Inc.
100C1094 DAICO-100C1094 Datasheet
30Kb / 1P
SP7T RELAY
DSW72199 DAICO-DSW72199 Datasheet
171Kb / 1P
Switch SP7T
DSW79177 DAICO-DSW79177 Datasheet
166Kb / 1P
Switch SP7T
logo
AUK corp
SDP510WMU AUK-SDP510WMU_1 Datasheet
47Kb / 3P
Pin Diode
logo
Rohm
RN141STE61 ROHM-RN141STE61 Datasheet
400Kb / 3P
PIN diode
logo
Infineon Technologies A...
BGS17GA14 INFINEON-BGS17GA14 Datasheet
712Kb / 13P
SP7T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-29
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com