Electronic Components Datasheet Search
  English  ▼

X  

GDZ-G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GDZ-G
Description  Small Signal Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GDZ-G Datasheet(HTML) 2 Page - Vishay Siliconix

  GDZ-G Datasheet HTML 1Page - Vishay Siliconix GDZ-G Datasheet HTML 2Page - Vishay Siliconix GDZ-G Datasheet HTML 3Page - Vishay Siliconix GDZ-G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GDZ-G-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 20-Feb-18
2
Document Number: 83334
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The Zener voltage VZ is measured 40 ms after power is supplied
• The operating resistance (ZZ, ZZK) are measured by superimposing a 1 kHz alternating current on the regulated current (IZ).
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE
CURRENT
DYNAMIC RESISTANCE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
V
mA
μA
V
MIN.
MAX.
MAX.
MAX.
MAX.
GDZ2V0B-G
05
2.02
2.2
5
0.5
120
0.5
100
1000
GDZ2V2B-G
15
2.22
2.41
5
0.5
120
0.7
100
1000
GDZ2V4B-G
25
2.43
2.63
5
0.5
120
1
100
1000
GDZ2V7B-G
35
2.69
2.91
5
0.5
100
1
110
1000
GDZ3V0B-G
45
3.01
3.22
5
0.5
50
1
120
1000
GDZ3V3B-G
55
3.32
3.53
5
0.5
20
1
120
1000
GDZ3V6B-G
65
3.6
3.845
5
1
10
1
100
1000
GDZ3V9B-G
75
3.89
4.16
5
1
5
1
100
1000
GDZ4V3B-G
85
4.17
4.43
5
1
5
1
100
1000
GDZ4V7B-G
95
4.55
4.75
5
0.5
2
1
100
800
GDZ5V1B-G
U1
4.98
5.2
5
0.5
2
1
80
500
GDZ5V6B-G
U2
5.49
5.73
5
0.5
1
2.5
60
200
GDZ6V2B-G
U3
6.06
6.33
5
0.5
1
3
60
100
GDZ6V8B-G
U4
6.65
6.93
5
0.5
0.5
3.5
40
60
GDZ7V5B-G
U5
7.28
7.6
5
0.5
0.5
4
30
60
GDZ8V2B-G
U6
8.02
8.36
5
0.5
0.5
5
30
60
GDZ9V1B-G
U7
8.85
9.23
5
0.5
0.5
6
30
60
GDZ10B-G
U8
9.77
10.21
5
0.5
0.1
7
30
60
GDZ11B-G
U9
10.76
11.22
5
0.5
0.1
8
30
60
GDZ12B-G
UA
11.74
12.24
5
0.5
0.1
9
30
80
GDZ13B-G
UB
12.91
13.49
5
0.5
0.1
10
37
80
GDZ15B-G
UC
14.34
14.98
5
0.5
0.1
11
42
80
GDZ16B-G
UD
15.85
16.51
5
0.5
0.1
12
50
80
GDZ18B-G
UE
17.56
18.35
5
0.5
0.1
13
65
80
GDZ20B-G
UH
19.52
20.39
5
0.5
0.1
15
85
100
GDZ22B-G
UK
21.54
22.47
5
0.5
0.1
17
100
100
GDZ24B-G
UL
23.72
24.78
5
0.5
0.1
19
120
120
GDZ27B-G
UM
26.19
27.53
5
0.5
0.1
21
150
150
GDZ30B-G
UN
29.19
30.69
5
0.5
0.1
23
200
200
GDZ33B-G
UP
32.15
33.79
5
0.5
0.1
25
250
250
GDZ36B-G
UT
35.07
36.87
5
0.5
0.1
27
300
300



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com