Electronic Components Datasheet Search
  English  ▼

X  

MMBZ4617 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMBZ4617
Description  Small Signal Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBZ4617 Datasheet(HTML) 2 Page - Vishay Siliconix

  MMBZ4617 Datasheet HTML 1Page - Vishay Siliconix MMBZ4617 Datasheet HTML 2Page - Vishay Siliconix MMBZ4617 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBZ4617 to MMBZ4627
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 13-Feb-18
2
Document Number: 85770
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) VZ tested with 5 ms pulse
PACKAGE DIMENSIONS in millimeters (inches): SOT-23
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE RANGE (1)
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
ZENER
CURRENT
NOISE
DENSITY
VZ at IZT1
IZT1
IR at VR
ZZT at IZT1
IZM
ND at IZT1
V
mA
μA
V
mA
μV/
Hz
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
MAX.
MMBZ4617
G17
2.280
2.4
2.520
0.25
2
1
1400
95
1
MMBZ4618
G18
2.565
2.7
2.835
0.25
1
1
1500
90
1
MMBZ4619
G19
2.850
3
3.150
0.25
0.8
1
1600
85
1
MMBZ4620
G20
3.135
3.3
3.465
0.25
7.5
1.5
1650
80
1
MMBZ4621
G21
3.420
3.6
3.780
0.25
7.5
2
1700
75
1
MMBZ4622
G22
3.705
3.9
4.095
0.25
5
2
1650
70
1
MMBZ4623
G23
4.085
4.3
4.515
0.25
4
2
1600
65
1
MMBZ4624
G24
4.465
4.7
4.935
0.25
10
3
1550
60
1
MMBZ4625
G25
4.845
5.1
5.355
0.25
10
3
1500
55
2
MMBZ4626
G26
5.320
5.6
5.880
0.25
10
4
1400
50
4
MMBZ4627
G27
5.890
6.2
6.510
0.25
10
5
1200
45
5
Foot print recommendation:
Rev. 8 - Date: 23. Sep. 2009
17418
Document no.: 6.541-5014.01-4
0.9 (0.035)
1 (0.039)
0.9 (0.035)
1 (0.039)
0.45 (0.018)
0.35 (0.014)
2.8 (0.110)
3.1 (0.122)
0.45 (0.018)
0.35 (0.014)
0.45 (0.018)
0.35 (0.014)
2.35 (0.093)
2.6 (0.102)
0.95 (0.037)
0.95 (0.037)
0.7 (0.028)
0.3 (0.012)
0.5 (0.020)
0.550 ref. (0.022 ref.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com