Electronic Components Datasheet Search
  English  ▼

X  

MMBZ5225 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMBZ5225
Description  Small Signal Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBZ5225 Datasheet(HTML) 2 Page - Vishay Siliconix

  MMBZ5225 Datasheet HTML 1Page - Vishay Siliconix MMBZ5225 Datasheet HTML 2Page - Vishay Siliconix MMBZ5225 Datasheet HTML 3Page - Vishay Siliconix MMBZ5225 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBZ5225 to MMBZ5267
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 13-Feb-18
2
Document Number: 85772
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•Maximum VF = 0.9 V, at IF = 10 mA
(1) Measured at thermal equilibrium
(2) The Zener impedance is derived from the 1 kHz AC voltage which results when an AC current having an RMS value equal to 10 % of the
Zener current (IZT1 or IZT2) is superimposed on IZT1 or IZT2. Zener Impedance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE (2)
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
VZ
V
mA
μA
V
%/°C
NOM.
MAX.
MAX.
MAX.
TYP.
MMBZ5225
18E
3
20
0.25
50
1
30
1600
-0.075
MMBZ5226
8A
3.3
20
0.25
25
1
28
1600
-0.07
MMBZ5227
8B
3.6
20
0.25
15
1
24
1700
-0.065
MMBZ5228
8C
3.9
20
0.25
10
1
23
1900
-0.06
MMBZ5229
8D
4.3
20
0.25
5
1
22
2000
-0.055
MMBZ5230
8E
4.7
20
0.25
5
2
19
1900
± 0.030
MMBZ5231
8F
5.1
20
0.25
5
2
17
1600
± 0.030
MMBZ5232
8G
5.6
20
0.25
5
3
11
1600
0.038
MMBZ5233
8H
6
20
0.25
5
3.5
7
1600
0.038
MMBZ5234
8J
6.2
20
0.25
5
4
7
1000
0.045
MMBZ5235
8K
6.8
20
0.25
3
5
5
750
0.05
MMBZ5236
8L
7.5
20
0.25
3
6
6
500
0.058
MMBZ5237
8M
8.2
20
0.25
3
6.5
8
500
0.062
MMBZ5238
8N
8.7
20
0.25
3
6.5
8
600
0.065
MMBZ5239
8P
9.1
20
0.25
3
7
10
600
0.068
MMBZ5240
8Q
10
20
0.25
3
8
17
600
0.075
MMBZ5241
8R
11
20
0.25
2
8.4
22
600
0.076
MMBZ5242
8S
12
20
0.25
1
9.1
30
600
0.077
MMBZ5243
8T
13
9.5
0.25
0.5
9.9
13
600
0.079
MMBZ5244
8U
14
9
0.25
0.1
10
15
600
0.082
MMBZ5245
8V
15
8.5
0.25
0.1
11
16
600
0.082
MMBZ5246
8W
16
7.8
0.25
0.1
12
17
600
0.083
MMBZ5247
8X
17
7.4
0.25
0.1
13
19
600
0.084
MMBZ5248
8Y
18
7
0.25
0.1
14
21
600
0.085
MMBZ5249
8Z
19
6.6
0.25
0.1
14
23
600
0.086
MMBZ5250
81A
20
6.2
0.25
0.1
15
25
600
0.086
MMBZ5251
81B
22
5.6
0.25
0.1
17
29
600
0.087
MMBZ5252
81C
24
5.2
0.25
0.1
18
33
600
0.087
MMBZ5253
81D
25
5
0.25
0.1
19
35
600
0.089
MMBZ5254
81E
27
4.6
0.25
0.1
21
41
600
0.09
MMBZ5255
81F
28
4.5
0.25
0.1
21
44
600
0.091
MMBZ5256
81G
30
4.2
0.25
0.1
23
49
600
0.091
MMBZ5257
81H
33
3.8
0.25
0.1
25
58
700
0.092
MMBZ5258
81J
36
3.4
0.25
0.1
27
70
700
0.093
MMBZ5259
81K
39
3.2
0.25
0.1
30
80
800
0.094
MMBZ5260
18F
43
3
0.25
0.1
33
93
900
0.095
MMBZ5261
81M
47
2.7
0.25
0.1
36
105
1000
0.095
MMBZ5262
81N
51
2.5
0.25
0.1
39
125
1100
0.096
MMBZ5263
81P
56
2.2
0.25
0.1
43
150
1300
0.096
MMBZ5264
81Q
60
2.1
0.25
0.1
46
170
1400
0.097
MMBZ5265
81R
62
2
0.25
0.1
47
185
1400
0.097
MMBZ5266
81S
68
1.8
0.25
0.1
52
230
1600
0.097
MMBZ5267
81T
75
1.7
0.25
0.1
56
270
1700
0.098



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com