Electronic Components Datasheet Search
  English  ▼

X  

DS0519 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0519
Description  PIN Diode DP2T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0519 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0519 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
DP2T
172
310.507.3242 • FAX 310.507.5701 • www.daico.com
MODEL NUMBER
DS0519
FEATURES
• 20 - 700 MHz
• 0.5 dB Insertion Loss
• TTL Driver
• Small TO-8 Package
• Low Cost
• Cascadable Building Block For
Attenuators And Phase Shifters
PIN Diode DP2T


Similar Part No. - DS0519

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS05 LUMILEDS-DS05 Datasheet
850Kb / 10P
SuperFlux LEDs
logo
Sensata Technologies, I...
DS05 SENSATA-DS05 Datasheet
220Kb / 2P
SAFETY ENCODER TETHER ARMS
Rev:03/16/18
logo
CUI INC
DS05-127-SMT CUI-DS05-127-SMT Datasheet
355Kb / 4P
DIP SWITCH
logo
Same Sky Devices
DS05-127-SMT SAMESKY-DS05-127-SMT Datasheet
265Kb / 4P
DIP SWITCH
03/06/2026
logo
MTU Onsite Energy Corpo...
DS0500D5S MTU-DS0500D5S Datasheet
2Mb / 4P
DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
More results

Similar Description - DS0519

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
PIN DIODE
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
PIN DIODE
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
Pin Diode
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
Pin Diode
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
PIN diode
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
PIN DIODE
logo
DAICO Industries, Inc.
DSW22206 DAICO-DSW22206 Datasheet
122Kb / 1P
Switch DP2T
logo
AUK corp
SDP510WMU AUK-SDP510WMU_1 Datasheet
47Kb / 3P
Pin Diode
logo
Rohm
RN141STE61 ROHM-RN141STE61 Datasheet
400Kb / 3P
PIN diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com