Electronic Components Datasheet Search
  English  ▼

X  

ATLS100MA103 Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # ATLS100MA103
Description  Low Noise Constant Current Laser Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS100MA103 Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  ATLS100MA103 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 3/7/2022
Email: staff@analogti.com/sales@analogti.com
2
Analog Technologies
ATLS100MA104
Low Noise Constant Current Laser Controller
Table 1. Pin Function Descriptions
Pin #
Pin Name
Pin Type
Description
1
SBDN
Analog/Digital
Input
Standby and Shutdown Control. This pin has 3 states: between 0V
∼ 0.4V, it shuts
down the entire laser driver; between 1.2V
∼ 2.4V, it sets the laser driver to standby
mode; between 2.7V
∼ 5.5V, it sets the laser driver to operation mode. The input
current on this pin is <2µA. See Figure 3.
2
GND
Signal ground
Signal ground pin. Connect ADC and DAC grounds to here.
3
2.5VR
Analog output
2.5V reference voltage. It is used by the external DACs as the reference voltage. It can
source 3mA max, with 3.6
μAP-P noise @ 0.1 to 10 Hz and 25ppm/°C stability max.
4
LIMS
Analog input
Laser current limit set. 0V to 2.5V sets the laser current limit from 0 to 100mA linearly.
5
LIS
Analog input
Laser current set. 0V to 2.5V sets the laser current from 0 to 100mA linearly.
6
LIO
Analog output
Laser current output indication. 0V to 2.5V indicates the laser current from 0 to 100mA
linearly.
7
LPGD
Digital output
Loop good indication. When the controller is working properly, the actual output
current equals the set-point current, this pin goes up; otherwise, it goes down.
8
TMPO
Analog output
The driver internal temperature indication output.
9
LDA
Power output
Laser diode anode. Connect it to the anode of the laser diode. This pin is used to drive
the type of diode laser of which the cathode is connected to its case and the case is
connected to the ground. See below Figure 4, and Figure 5.1 ~ Figure 5.3.
10
LDC
Power output
Laser diode cathode. Connect it directly to the laser’s cathode. See below Figure 4, and
Figure 5.1 ~ Figure 5.3.
11
PGND
Power ground
Power ground pin. Connect it directly to power supply return rail.
12
VPS
Power input
Power supply. The driver works from 3.1V to 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com