Electronic Components Datasheet Search
  English  ▼

X  

MAX629C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX629C/D
Description  28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX629C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX629C/D Datasheet HTML 2Page - Maxim Integrated Products MAX629C/D Datasheet HTML 3Page - Maxim Integrated Products MAX629C/D Datasheet HTML 4Page - Maxim Integrated Products MAX629C/D Datasheet HTML 5Page - Maxim Integrated Products MAX629C/D Datasheet HTML 6Page - Maxim Integrated Products MAX629C/D Datasheet HTML 7Page - Maxim Integrated Products MAX629C/D Datasheet HTML 8Page - Maxim Integrated Products MAX629C/D Datasheet HTML 9Page - Maxim Integrated Products MAX629C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
a significant loss of accuracy. Begin by selecting R2 to be
in the 10kΩ to 200kΩ range, and calculate R1 using the
applicable equation from the following subsections.
Positive Output Voltages
For positive output voltages, use the typical boost config-
uration shown in Figure 2, connecting POL to GND. This
sets the threshold voltage at FB to equal VREF. Choose
the value of R2 and calculate R1 as follows:
OUT
REF
V
R1 R2
1
V
=
×
−
where VREF = 1.25V.
Negative Output Voltages
For negative output voltages, configure R1 and R2 as
shown in Figure 3, connecting POL to VCC. This sets the
FB threshold voltage to GND so that negative voltages
can be regulated. Choose R2 and calculate R1 as follows:
OUT
REF
|V
|
R1 R2
V
=
×
where VREF = 1.25V.
Figure 3 demonstrates generation of a negative output
voltage by following the MAX629 with an inverting charge
pump. This configuration limits |VOUT| to values between
-|VIN| and -28V. If smaller negative output voltages are
required, D2’s cathode can be connected to VIN. This
alternative configuration permits output voltages smaller
than -|VIN|, but cannot be used for output voltages more
negative than -|28V -VIN|. It produces roughly one-half the
output current as the standard configuration and is typi-
cally 5% less efficient.
Figure 1. Functional Diagram
MAX629
MIN OFF-TIME
GENERATOR
TRIG
Q
S
LX
ISET
Q
F/F
GND
R
START-UP
MAX ON-TIME
GENERATOR
(10µs)
CONTROL
FB
REF
VCC
1V
START-UP
COMPARATOR
ERROR
AMP
1.25V
REF
POL
TRIG
Q
SHDN
POLARITY
www.maximintegrated.com
Maxim Integrated │ 6
MAX629
28V, Low-Power, High-Voltage,
Boost or Inverting DC-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com