Electronic Components Datasheet Search
  English  ▼

X  

3U Datasheet(PDF) 3 Page - C&K Components

Part # 3U
Description  Tiny Pushwheel Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

3U Datasheet(HTML) 3 Page - C&K Components

  3U Datasheet HTML 1Page - C&K Components 3U Datasheet HTML 2Page - C&K Components 3U Datasheet HTML 3Page - C&K Components 3U Datasheet HTML 4Page - C&K Components 3U Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3U Series
Tiny Pushwheel Switches
TERMINATIONS
COLOR/MARKING/STOPS
N
A
MATTE BLACK HOUSING (Gloss black wheel with white horizontal characters, extended actuator, black pushbuttons, no stops.)
E
MATTE BLACK HOUSING (Gloss black wheel with white horizontal characters, recessed actuator, black pushbuttons, no stops.)
C
MATTE BLACK HOUSING (Gloss black wheel with white vertical characters, recessed actuator, black pushbuttons, no stops.)
9
SPECIAL COLORS, MARKINGS FOR HOUSING OR WHEEL, STOPS (Specify on CONFIGURATION FORM, page N-7 and
consult Customer Service Center.)
0
MATTE BLACK HOUSING (Gloss black wheel with extended actuator, white vertical characters, black pushbuttons, no stops.)
9
ANY COMBINATION OF TERMINATION
CONFIGURATION OR SPECIAL TERMINATIONS.
N
SHORT PC BOARD, TYPE 0
WITH SOLDER PINS
0
SHORT PC BOARD
PC Board 1/32" (0,79) thick.
NOTE: All terminal holes shown may not be present for all function codes consult Customer Service Center.
NOTE: See function codes, page N–4 for signal locations.
Terminal Location Numbers
Specify on configuration form, page N-7
and consult Customer Service Center.
Extended Actuator
Recessed Actuator
3
Vertical Characters
Horizontal Characters
Fig. 1
SOLDER PINS
Fig. 2
N–5
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
Note: Termination option N (RoHS compliant) replaces termination option 3 (non-RoHS compliant).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com