Electronic Components Datasheet Search
  English  ▼

X  

DS0860 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0860
Description  GaAs SP2T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0860 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0860 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DS0860
FEATURES
• 10 - 1000 MHz
• 40 nSec Switching Speed
• 48 mV Transients
• Non-Reflective
• TTL Driver
• Ultra Small 0.380 Sq. Flat Pack
• Low Cost
GaAs SP2T
D AICO Industr ies
114
310.507.3242 • FAX 310.507.5701 • www.daico.com
SP2T


Similar Part No. - DS0860

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS08 LUMILEDS-DS08 Datasheet
303Kb / 8P
SnapLED 150
logo
DAICO Industries, Inc.
DS0812 DAICO-DS0812 Datasheet
144Kb / 1P
GaAs SP2T
DS0813-T DAICO-DS0813-T Datasheet
43Kb / 1P
GaAs SP2T
DS0820 DAICO-DS0820 Datasheet
188Kb / 1P
PIN Diode SP10T
DS0842 DAICO-DS0842 Datasheet
46Kb / 1P
GaAs SP2T
More results

Similar Description - DS0860

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0842 DAICO-DS0842 Datasheet
46Kb / 1P
GaAs SP2T
DS0813-T DAICO-DS0813-T Datasheet
43Kb / 1P
GaAs SP2T
CDS0882 DAICO-CDS0882 Datasheet
45Kb / 1P
GaAs SP2T
DS0602 DAICO-DS0602 Datasheet
180Kb / 1P
GaAs SP2T
DS0632 DAICO-DS0632 Datasheet
151Kb / 1P
GaAs SP2T
DS0712 DAICO-DS0712 Datasheet
158Kb / 1P
GaAs SP2T
DS0812 DAICO-DS0812 Datasheet
144Kb / 1P
GaAs SP2T
DS0850-T DAICO-DS0850-T Datasheet
144Kb / 1P
GaAs SP2T
DSW22023 DAICO-DSW22023 Datasheet
155Kb / 1P
GaAs SP2T
DSW28000 DAICO-DSW28000 Datasheet
173Kb / 1P
GaAs SP2T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com