Electronic Components Datasheet Search
  English  ▼

X  

DS0918 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0918
Description  GaAs SP16T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0918 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0918 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DS0918
FEATURES
• DC - 4000 MHz
• 4 line BCD TTL Control
• Non-Reflective
• 58 Pin DIP
GaAs SP16T
SP16T
D AICO Industr ies
171
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DS0918

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0919 DAICO-DS0919 Datasheet
47Kb / 1P
GaAs PIN Diode SP2T
More results

Similar Description - DS0918

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSA Opto Light GmbH
120134 OSA-120134 Datasheet
53Kb / 1P
GaAs / GaAs LED Chips
120214 OSA-120214 Datasheet
53Kb / 1P
GaAs / GaAs LED Chips
120234 OSA-120234 Datasheet
53Kb / 1P
GaAs / GaAs LED Chips
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
GaAs Transfer Switch, GaAs Transfer Switch,
logo
American Accurate Compo...
JXWBKG-T-16-0.4-6 AAC-JXWBKG-T-16-0.4-6 Datasheet
73Kb / 1P
SP16T Switch
logo
Skyworks Solutions Inc.
SKY13492-21 SKYWORKS-SKY13492-21 Datasheet
880Kb / 23P
0.7 to 2.7 GHz SP16T MIPI Antenna Switch Module
logo
List of Unclassifed Man...
CHW1010 ETC2-CHW1010 Datasheet
208Kb / 2P
SP16T AoA / AoD Antenna Switch
2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com