Electronic Components Datasheet Search
  English  ▼

X  

12593 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 12593
Description  PE converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

12593 Datasheet(HTML) 1 Page - Festo Corporation.

  12593 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE converter
VPE-1/8-SW
Part number: 12593
Data sheet
Feature
Value
Symbol
00991470
Certification
CCC
CE marking (see declaration of conformity)
As per EU low voltage directive
Measured variable
Relative pressure
Method of measurement
Pneumatic/electric pressure transducer
Pressure measuring range
-1 bar ... 0 bar
Operating pressure
-0.95 bar ... 0 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
0 °C ... 60 °C
Ambient temperature
0 °C ... 60 °C
Switching element function
Changeover switch
Switch-on point
-0.25 bar
Switch-off point
≤0.1 bar
Max. switching frequency
1 Hz
Minimum load current
100 mA
Operating voltage range AC
12 V ... 250 V
DC operating voltage range
12 V ... 250 V
Electrical connection
3 connecting wires
Cable length
0.5 m
Material of cable sheath
PVC
Type of mounting
With through-hole
Mounting position
Any
Pneumatic connection
G1/8
Housing material
PA
POM
Steel
VMQ (silicone)
Switching contact material
Silver
Electrical connection material
Tin-plated
Diaphragm material
CR
Degree of protection
IP67
7/13/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 12593

ManufacturerPart #DatasheetDescription
logo
Analog Devices
125932-HMC674LC3C AD-125932-HMC674LC3C Datasheet
330Kb / 14P
9.3 GHz Latched Comparator
125932-HMC674LP3E AD-125932-HMC674LP3E Datasheet
330Kb / 14P
9.3 GHz Latched Comparator
logo
List of Unclassifed Man...
125932U025AA1B ETC2-125932U025AA1B Datasheet
277Kb / 4P
The Pace-Setter for Long Life and High Temperature
logo
Cornell Dubilier Electr...
125932U025AA1B CDE-125932U025AA1B Datasheet
277Kb / 4P
Type 125 -55 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
125932U025AA1B CDE-125932U025AA1B Datasheet
805Kb / 5P
The Pace-Setter for Long Life and High Temperature
More results

Similar Description - 12593

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44216 PASTERNACK-PE44216 Datasheet
376Kb / 3P
2.4mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE44228 PASTERNACK-PE44228 Datasheet
330Kb / 3P
2.92mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
logo
Festo Corporation.
PEN-M5 FESTO-PEN-M5 Datasheet
83Kb / 1P
PE converter
12595 FESTO-12595 Datasheet
93Kb / 1P
PE converter
7/13/22
3344 FESTO-3344 Datasheet
95Kb / 1P
PE converter
7/13/22
3719 FESTO-3719 Datasheet
80Kb / 1P
PE converter
7/13/22
6484 FESTO-6484 Datasheet
91Kb / 1P
PE converter
7/13/22
7451 FESTO-7451 Datasheet
83Kb / 1P
PE converter
7/13/22
7471 FESTO-7471 Datasheet
92Kb / 1P
PE converter
7/13/22
7862 FESTO-7862 Datasheet
93Kb / 1P
PE converter
7/13/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com