Electronic Components Datasheet Search
  English  ▼

X  

192489 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 192489
Description  Vacuum switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

192489 Datasheet(HTML) 1 Page - Festo Corporation.

  192489 Datasheet HTML 1Page - Festo Corporation. 192489 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vacuum switch
VPEV-1/8-M12
Part number: 192489
Data sheet
Feature
Value
Conforms to standard
EN 60947-5-1
Symbol
00991472
Certification
CCC
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU low voltage directive
Explosion prevention and protection
Observe the information on the certificate
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Note on materials
RoHS-compliant
Measured variable
Relative pressure
Method of measurement
Pneumatic/electric pressure transducer
Pressure measuring range
-1 bar ... 1.6 bar
Operating pressure
-0.1 MPa ... 0.16 MPa
Operating pressure
-1 bar ... 1.6 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-20 °C ... 80 °C
Ambient temperature
-20 °C ... 80 °C
Switching element function
Changeover switch
Max. switching frequency
3 Hz
Max. switching output voltage AC
48 V
Max. switching output voltage DC
48 V
Max. output current
4000 mA
Minimum load current
1 mA at 24 V
10 mA at 10 V
100 mA at 5V
Utilization category for inductive load
AC-14
DC-13
Utilization category for ohmic load
AC-12
DC-12
Electrical connection
4-pin
M12x1
Plug
as per EN 60947-5-2
Round design
Type of mounting
With through-hole
Mounting position
Any
7/13/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 192489

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
19248 FESTO-19248 Datasheet
86Kb / 2P
ISO cylinder
logo
Weidmuller
1924800000 WEIDMULLER-1924800000 Datasheet
495Kb / 5P
SL-SMT 5.08HC/05/180LF 3.2 AU BK RL
1924810000 WEIDMULLER-1924810000 Datasheet
460Kb / 5P
SL-SMT 5.08HC/08/180LF 3.2 AU BK RL
1924820000 WEIDMULLER-1924820000 Datasheet
492Kb / 5P
SL-SMT 5.08HC/09/180LF 3.2 AU BK RL
logo
Festo Corporation.
192488 FESTO-192488 Datasheet
103Kb / 2P
Pressure switch
7/13/22
More results

Similar Description - 192489

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
VT-191 GEC-VT-191 Datasheet
110Kb / 2P
VACUUM TUBE
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
150261 FESTO-150261 Datasheet
86Kb / 2P
Vacuum switch
7/13/22
152617 FESTO-152617 Datasheet
91Kb / 1P
Vacuum switch
7/13/22
152619 FESTO-152619 Datasheet
93Kb / 1P
Vacuum switch
7/13/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com