Electronic Components Datasheet Search
  English  ▼

X  

537686 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 537686
Description  Retro-reflective sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

537686 Datasheet(HTML) 1 Page - Festo Corporation.

  537686 Datasheet HTML 1Page - Festo Corporation. 537686 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Retro-reflective sensor
SOEG-RSP-M12-NS-S-2L
Part number: 537686
Data sheet
Feature
Value
Design
Round
Conforms to standard
EN 60947-5-2
Symbol
00991640
Certification
RCM compliance mark
c UL us - Listed (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
Note on materials
Free of copper and PTFE
Measured variable
Position
Measuring principle
Optoelectronic
Method of measurement
Reflection light barrier
Type of light
Red polarized
Working range
1500 mm
Ambient temperature
-25 °C ... 55 °C
Switching output
NPN
Switching element function
Dark-switching
Max. switching frequency
1000 Hz
Max. output current
200 mA
Voltage drop
≤2 V
Short-circuit protection
Pulsed
DC operating voltage range
10 V ... 36 V
Residual ripple
20 %
Idle current
15 mA
Reverse polarity protection
for all electrical connections
Electrical connection
3-pin
M12x1
Plug
Size
M12x1
Type of mounting
With lock nut
Tightening torque
10 Nm
Product weight
20 g
Housing material
Brass
Chrome-plated
Material of union nut
Brass
Chrome-plated
Switching status indication
LED yellow
Function reserve indication
LED green
Ambient temperature with flexible cable installation
-5 °C ... 55 °C
7/13/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 537686

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537683 FESTO-537683 Datasheet
90Kb / 2P
Retro-reflective sensor
7/13/22
537684 FESTO-537684 Datasheet
105Kb / 2P
Retro-reflective sensor
7/13/22
537685 FESTO-537685 Datasheet
90Kb / 2P
Retro-reflective sensor
7/13/22
537687 FESTO-537687 Datasheet
91Kb / 2P
Diffuse scan
7/13/22
537688 FESTO-537688 Datasheet
103Kb / 2P
Diffuse scan
7/13/22
More results

Similar Description - 537686

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8075657 FESTO-8075657 Datasheet
82Kb / 2P
Retro-reflective sensor
8075666 FESTO-8075666 Datasheet
94Kb / 2P
Retro-reflective sensor
8075672 FESTO-8075672 Datasheet
94Kb / 2P
Retro-reflective sensor
537683 FESTO-537683 Datasheet
90Kb / 2P
Retro-reflective sensor
7/13/22
537685 FESTO-537685 Datasheet
90Kb / 2P
Retro-reflective sensor
7/13/22
537697 FESTO-537697 Datasheet
91Kb / 2P
Retro-reflective sensor
7/13/22
537699 FESTO-537699 Datasheet
110Kb / 2P
Retro-reflective sensor
7/13/22
537700 FESTO-537700 Datasheet
106Kb / 2P
Retro-reflective sensor
7/13/22
537713 FESTO-537713 Datasheet
92Kb / 2P
Retro-reflective sensor
7/13/22
537716 FESTO-537716 Datasheet
106Kb / 2P
Retro-reflective sensor
7/13/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com