Electronic Components Datasheet Search
  English  ▼

X  

537694 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 537694
Description  Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

537694 Datasheet(HTML) 1 Page - Festo Corporation.

  537694 Datasheet HTML 1Page - Festo Corporation. 537694 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Receiver
SOEG-E-M18W-PA-K-2L
Part number: 537694
Data sheet
Feature
Value
Design
Round
Conforms to standard
EN 60947-5-2
Symbol
00991711
Certification
RCM compliance mark
c UL us - Listed (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
Note on materials
Free of copper and PTFE
Measured variable
Position
Measuring principle
Optoelectronic
Method of measurement
Through-beam sensor
Receiver
Working range
20000 mm
Ambient temperature
-25 °C ... 55 °C
Switching output
PNP
Switching element function
Antivalent
Max. switching frequency
1000 Hz
Max. output current
200 mA
Voltage drop
≤2 V
Short-circuit protection
Pulsed
DC operating voltage range
10 V ... 36 V
Residual ripple
20 %
Idle current
10 mA
Reverse polarity protection
for all electrical connections
Electrical connection
4-wire
Cable
Cable length
2.5 m
Material of cable sheath
TPE-U(PUR)
Size
M18x1
Type of mounting
With lock nut
Tightening torque
20 Nm
Product weight
124 g
Housing material
Brass
Chrome-plated
Material of union nut
Brass
Chrome-plated
Switching status indication
LED yellow
Function reserve indication
LED green
7/13/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 537694

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537690 FESTO-537690 Datasheet
106Kb / 2P
Diffuse scan
7/13/22
537691 FESTO-537691 Datasheet
87Kb / 1P
Transmitter
7/13/22
537692 FESTO-537692 Datasheet
92Kb / 2P
537692
7/13/22
537693 FESTO-537693 Datasheet
99Kb / 1P
Transmitter
7/13/22
537695 FESTO-537695 Datasheet
100Kb / 1P
Transmitter
7/13/22
More results

Similar Description - 537694

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AR027150MR-R PUI-AR027150MR-R Datasheet
216Kb / 1P
Receiver
logo
Festo Corporation.
537696 FESTO-537696 Datasheet
107Kb / 2P
Receiver
7/13/22
537709 FESTO-537709 Datasheet
92Kb / 2P
Receiver
7/13/22
537711 FESTO-537711 Datasheet
111Kb / 2P
Receiver
7/13/22
537712 FESTO-537712 Datasheet
107Kb / 2P
Receiver
7/13/22
logo
Renesas Technology Corp
NDL5522P RENESAS-NDL5522P Datasheet
204Kb / 10P
RECEIVER
1992
NDL5590P RENESAS-NDL5590P Datasheet
210Kb / 14P
RECEIVER
1995
NDL5592P RENESAS-NDL5592P Datasheet
201Kb / 10P
RECEIVER
1997
NR3315TA RENESAS-NR3315TA Datasheet
235Kb / 9P
RECEIVER
2009
NR3470MU-CC RENESAS-NR3470MU-CC Datasheet
213Kb / 10P
RECEIVER
2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com