Electronic Components Datasheet Search
  English  ▼

X  

6484 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 6484
Description  PE converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

6484 Datasheet(HTML) 1 Page - Festo Corporation.

  6484 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE converter
PE-1/8-1N-SW
Part number: 6484
Data sheet
Feature
Value
Symbol
00995409
Certification
CCC
CE marking (see declaration of conformity)
As per EU low voltage directive
Measured variable
Relative pressure
Method of measurement
Pneumatic/electric pressure transducer
Operating pressure
0 MPa ... 0.8 MPa
Operating pressure
0 bar ... 8 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible
Temperature of medium
0 °C ... 60 °C
Ambient temperature
0 °C ... 60 °C
Switching output
Contact-based
Switching function
Threshold value with fixed hysteresis
Switching element function
Changeover switch
Max. switch-on point
2 bar
Min. switch-off point
0.5 bar
Max. switching frequency
1 Hz
Minimum load current
100 mA
Operating voltage range AC
12 V ... 250 V
DC operating voltage range
12 V ... 250 V
Electrical connection
3 connecting wires
Cable length
0.5 m
Material of cable sheath
PVC
Type of mounting
On mounting frame 1n
With through-hole
Optionally:
Mounting position
Any
Pneumatic connection
G1/8
Product weight
50 g
Housing material
Die-cast aluminum
PA
Steel
VMQ (silicone)
Switching contact material
Silver
Electrical connection material
Tin-plated
Diaphragm material
TPE-U(PU)
Degree of protection
IP67
7/13/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 6484

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
6484 MAXWELL-6484 Datasheet
81Kb / 7P
CMOS Quad Rail-to-Rail I/O Op Amp
logo
Pomona Electronics
6484 POMONA-6484 Datasheet
43Kb / 2P
Telecom 5 Way Alligator to Bantam Plug
logo
Maxwell Technologies
6484RPFE MAXWELL-6484RPFE Datasheet
81Kb / 7P
CMOS Quad Rail-to-Rail I/O Op Amp
6484RPFH MAXWELL-6484RPFH Datasheet
81Kb / 7P
CMOS Quad Rail-to-Rail I/O Op Amp
6484RPFI MAXWELL-6484RPFI Datasheet
81Kb / 7P
CMOS Quad Rail-to-Rail I/O Op Amp
More results

Similar Description - 6484

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44216 PASTERNACK-PE44216 Datasheet
376Kb / 3P
2.4mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE44228 PASTERNACK-PE44228 Datasheet
330Kb / 3P
2.92mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
logo
Festo Corporation.
PEN-M5 FESTO-PEN-M5 Datasheet
83Kb / 1P
PE converter
12593 FESTO-12593 Datasheet
96Kb / 1P
PE converter
7/13/22
12595 FESTO-12595 Datasheet
93Kb / 1P
PE converter
7/13/22
3344 FESTO-3344 Datasheet
95Kb / 1P
PE converter
7/13/22
3719 FESTO-3719 Datasheet
80Kb / 1P
PE converter
7/13/22
7451 FESTO-7451 Datasheet
83Kb / 1P
PE converter
7/13/22
7471 FESTO-7471 Datasheet
92Kb / 1P
PE converter
7/13/22
7862 FESTO-7862 Datasheet
93Kb / 1P
PE converter
7/13/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com