Electronic Components Datasheet Search
  English  ▼

X  

7451 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 7451
Description  PE converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

7451 Datasheet(HTML) 1 Page - Festo Corporation.

  7451 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE converter
PE-VK-5.1
Part number: 7451
Data sheet
Feature
Value
Symbol
00991470
Certification
CCC
CE marking (see declaration of conformity)
As per EU low voltage directive
Measured variable
Relative pressure
Method of measurement
Pneumatic/electric pressure transducer
Operating pressure
0 MPa ... 0.025 MPa
Operating pressure
0 bar ... 0.25 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication not possible
Temperature of medium
-10 °C ... 50 °C
Ambient temperature
-10 °C ... 50 °C
Switching element function
Changeover switch
Switch-on point
5.0E-4 bar
Switch-off point
1.0E-4 bar
Max. switching output voltage AC
250 V
Max. switching output voltage DC
250 V
Electrical connection
4-wire
Cable
Type of mounting
On mounting frame 1n
With through-hole
Optionally:
Mounting position
Any
Pneumatic connection
M5
Product weight
250 g
Degree of protection
IP62
7/13/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 7451

ManufacturerPart #DatasheetDescription
logo
Wera Tools
7451 WERA-7451 Datasheet
459Kb / 3P
7460 Kraftform pre-set adjustable torque screwdrivers with Rapidaptor quick-release chuck, 1/4 inch, 0,3 Nm
02.08.2018
logo
Molex Electronics Ltd.
74510 MOLEX5-74510 Datasheet
595Kb / 4P
11.11mm (.437") Pitch Beau??PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 10 Circuits
74510 MOLEX11-74510 Datasheet
41Kb / 2P
11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
74510 MOLEX-74510 Datasheet
648Kb / 1P
Terminal Strips and Accessories
logo
List of Unclassifed Man...
74511 ETC1-74511 Datasheet
199Kb / 1P
The ideal multi-purpose bits for all around quality and performance
More results

Similar Description - 7451

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44216 PASTERNACK-PE44216 Datasheet
376Kb / 3P
2.4mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE44228 PASTERNACK-PE44228 Datasheet
330Kb / 3P
2.92mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
logo
Festo Corporation.
PEN-M5 FESTO-PEN-M5 Datasheet
83Kb / 1P
PE converter
12593 FESTO-12593 Datasheet
96Kb / 1P
PE converter
7/13/22
12595 FESTO-12595 Datasheet
93Kb / 1P
PE converter
7/13/22
3344 FESTO-3344 Datasheet
95Kb / 1P
PE converter
7/13/22
3719 FESTO-3719 Datasheet
80Kb / 1P
PE converter
7/13/22
6484 FESTO-6484 Datasheet
91Kb / 1P
PE converter
7/13/22
7471 FESTO-7471 Datasheet
92Kb / 1P
PE converter
7/13/22
7862 FESTO-7862 Datasheet
93Kb / 1P
PE converter
7/13/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com