Electronic Components Datasheet Search
  English  ▼

X  

DS0997 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0997
Description  GaAs SP3T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0997 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0997 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ω
Ω
Ω
MODEL NUMBER
DS0997
FEATURES
• 5 - 2000 MHz
• 10 nSec Transition Time
• 30 nSec Switching Speed
• Non-Reflective
• TTL Drivers
• 16 Pin DIP
SP3T
GaAs SP3T
D AICO Industr ies
131
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DS0997

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS09 LUMILEDS-DS09 Datasheet
366Kb / 5P
SnapLED 70
logo
DAICO Industries, Inc.
DS0918 DAICO-DS0918 Datasheet
182Kb / 1P
GaAs SP16T
DS0919 DAICO-DS0919 Datasheet
47Kb / 1P
GaAs PIN Diode SP2T
DS0950 DAICO-DS0950 Datasheet
149Kb / 1P
Schottky Diode SPST
DS0962 DAICO-DS0962 Datasheet
143Kb / 1P
GaAs SP2T
More results

Similar Description - DS0997

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSW36333 DAICO-CSW36333 Datasheet
185Kb / 1P
GaAs SP3T
DSW32025 DAICO-DSW32025 Datasheet
156Kb / 1P
GaAs SP3T
DSW32096 DAICO-DSW32096 Datasheet
172Kb / 1P
GaAs SP3T
DSW36177 DAICO-DSW36177 Datasheet
178Kb / 1P
GaAs SP3T
DSW36200 DAICO-DSW36200 Datasheet
168Kb / 1P
GaAs SP3T
DSW38030 DAICO-DSW38030 Datasheet
38Kb / 1P
GaAs SP3T
logo
M/A-COM Technology Solu...
MASW-011043 MA-COM-MASW-011043 Datasheet
1Mb / 7P
GaAs SP3T / SPDT
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
GaAs SP3T Switch
MASW-010612 MA-COM-MASW-010612 Datasheet
130Kb / 4P
GaAs SP3T Switch
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
GaAs SP3T Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com