Electronic Components Datasheet Search
  English  ▼

X  

100211 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 100211
Description  Thermomagnetic circuit breaker for mounting in a base
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100211 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  100211 Datasheet HTML 1Page - PHOENIX CONTACT 100211 Datasheet HTML 2Page - PHOENIX CONTACT 100211 Datasheet HTML 3Page - PHOENIX CONTACT 100211 Datasheet HTML 4Page - PHOENIX CONTACT 100211 Datasheet HTML 5Page - PHOENIX CONTACT 100211 Datasheet HTML 6Page - PHOENIX CONTACT 100211 Datasheet HTML 7Page - PHOENIX CONTACT 100211 Datasheet HTML 8Page - PHOENIX CONTACT 100211 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TMCP
100211_en_02
PHOENIX CONTACT
2
2Ordering data
2.1
Order key
Ordering example
TMCP with 1-pos. main current path, one N/O contact and
N/C contact, medium-blow characteristic curve, and a
nominal current of 2 A: TMCP 1 M1 300 2A
Thermomagnetic circuit breaker
Description
Type
Order No.
Pcs./Pkt.
Thermomagnetic circuit breaker, plug-in, 1, 2, and 3-pos.
TMCP... (see order key)
6
Type
Main
current paths
Characteristic
curves
Auxiliary
contact versions
Nominal
current
TMCP
1
= Single-pos.
2
= Two-pos.
3
= Three-pos.
F1
= Thermal 1.05 x I
N ... 1.4 x IN,
magnetic 2 x I
N ... 4 x IN DC
(fast-blow),
only for DC applications
M1
= Thermal 1.05 - 1.4 I
N,
magnetic 6 x I
N ... 12 x IN AC,
7.8 x I
N ... 15.6 x IN DC
(medium-blow)
300
= Single-pos.: 1 N/O contact and 1 N/C
contact per position
0.2 A
2.5 A
0.3 A
3 A
0.4 A
4 A
0.5 A
5 A
0.6 A
6 A
0.8 A
8 A
1 A
10 A
1.2 A
12 A
2 A
16 A
Accessories
Description
Type
Order No.
Pcs./Pkt.
Modular base, 2-pos., designed to accommodate two 1-pos. circuit breakers,
width of 12.5 mm per position
TMCP SOCKET M
0916589
10
Base termination elements, can be plugged into both the left and right-hand
side, contain the connections for the reset inputs/group query
TMCP CONNECT LR
0916592
3
Spring lock, for mechanical locking if mounted overhead,
1-pos.
SPRING-LOCK
0713009
10
Zack marker strip, 10-section, for labeling the center of the terminal block
ZB 6
See CLIPLINE catalog
UniCard sheets, for labeling terminal blocks using a Zack marker strip
groove, 80-section, can be labeled with BLUEMARK and CMS-P1-PLOTTER,
color: white
UC-TM 6
0818085
10
Plug-in bridge, not insulated, 500 mm long, can be cut to length, for
distribution of the supply potential in the base, I
max = 50 A
FBST 500 TMCP
0916615
20
Plug-in bridge, 500 m long, can be cut to length, for potential distribution,
I
max =32 A, red
FBST 500-PLC RD
2966786
20
Plug-in bridge, 500 m long, can be cut to length, for potential distribution,
I
max =32 A, blue
FBST 500-PLC BU
2966692
20
Signal bridge, plug-in, for bridging group indication when there is a free slot
on the TMCP SOCKET M base, I
max = 1 A
TMCP SB
0916602
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com