Electronic Components Datasheet Search
  English  ▼

X  

5KP85A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 5KP85A
Description  TRANSZORB짰 Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

5KP85A Datasheet(HTML) 4 Page - Vishay Siliconix

  5KP85A Datasheet HTML 1Page - Vishay Siliconix 5KP85A Datasheet HTML 2Page - Vishay Siliconix 5KP85A Datasheet HTML 3Page - Vishay Siliconix 5KP85A Datasheet HTML 4Page - Vishay Siliconix 5KP85A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5KP8.5A thru 5KP188A
www.vishay.com
Vishay General Semiconductor
Revision: 24-Jun-14
4
Document Number: 88308
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Power Derating Curve
Fig. 6 - Maximum Non-Repetitive Forward Surge Current
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
APPLICATION NOTES
The 5KP series of high power transient voltage suppressors
were designed to be used on the output of switching power
supplies. These devices may be used to replace crowbar
circuits. Both the 5 % and 10 % voltage tolerances are
referenced to the power supply output voltage level.
They are able to withstand high levels of peak current while
allowing a circuit breaker to trip or a fuse blow before
shorting. This will enable the user to reset the breaker or
replace the fuse and continue operation. For this type
operation, it is recommended that a sufficient mounting
surface be used for dissipating the heat generated by the
Transient Voltage Suppressor during the transient or
over-voltage condition.
L = 0.375" (9.5 mm)
Lead Lengths
TL - Lead Temperature (°C)
60 Hz
Resistive or
Inductive Load
8
6
4
2
0
0
25
50
75
100
125
150
175
200
1
10
100
200
300
400
500
450
350
250
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
0.052 (1.32)
0.048 (1.22)
0.360 (9.1)
0.340 (8.6)
DIA.
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
P600



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com