Electronic Components Datasheet Search
  English  ▼

X  

6KA24 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 6KA24
Description  PAR짰 Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6KA24 Datasheet(HTML) 1 Page - Vishay Siliconix

  6KA24 Datasheet HTML 1Page - Vishay Siliconix 6KA24 Datasheet HTML 2Page - Vishay Siliconix 6KA24 Datasheet HTML 3Page - Vishay Siliconix 6KA24 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6KA24
www.vishay.com
Vishay General Semiconductor
Revision: 16-Sep-2021
1
Document Number: 88309
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PAR® Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
FEATURES
• Junction
passivation
optimized
design
passivated anisotropic rectifier technology
•TJ = 185 °C capability suitable for high
reliability and automotive requirement
• Excellent clamping capability
• Low leakage current
• High surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting,
especially for automotive load dump protection application.
MECHANICAL DATA
Case:
P600, molded epoxy over passivated junction
Molding compound meets UL 94 V-0 flammability rating
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B, .....)
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
HE3 suffix meets JESD 201 class 2 whisker test
Polarity:
color band denotes cathode end
Notes
(1) Non-repetitive current pulse, per fig. 2, with a 10/1000μs waveform
(2) Non-repetitive current pulse, per fig. 5, with a 10 μs/50 ms waveform
(3) Measured on 8.3 ms half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum
PRIMARY CHARACTERISTICS
VWM
24 V
VBR
26.7 V to 32.6 V
PPPM (10 x 1000 μs)
6000 W
PPPM (10 μs/50 ms)
2000 W
PD
6.5 W
IRSM
90 A
IFSM
400 A
TJ max.
185 °C
Polarity
Unidirectional
Package
P600
P600
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Peak pulse power dissipation
with 10/1000 μs waveform (1)
PPPM
6000
W
with 10μs/50 ms waveform (2)
2000
Power dissipation on infinite heatsink at TL = 75 °C (fig. 3)
PD
6.5
W
Maximum working stand-off voltage
VWM
24
V
Peak forward surge current 8.3 ms single half sine-wave (3)
IFSM
400
A
Operating junction and storage temperature range
TJ, TSTG
-65 to +185
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
BREAKDOWN VOLTAGE
VBR AT IT
(V)
TEST CURRENT
IT
(mA)
STAND-OFF VOLTAGE
VWM
(V)
MIN.
MAX.
6KA24
26.7
32.6
100
24


Similar Part No. - 6KA24

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
6KA24 GE-6KA24 Datasheet
40Kb / 2P
PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
6KA24 COMCHIP-6KA24 Datasheet
67Kb / 2P
Automotive Transient Voltage Supressor
logo
Vishay Siliconix
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
Automotive Transient Voltage Suppressors
20-Oct-08
6KA24 VISHAY-6KA24 Datasheet
75Kb / 4P
PAR Transient Voltage Suppressors
08-Feb-11
6KA24-4 VISHAY-6KA24-4 Datasheet
37Kb / 2P
PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 6KA24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM6A27T VISHAY-SM6A27T Datasheet
93Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
24-Mar-15
SM6S10AT VISHAY-SM6S10AT Datasheet
100Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
03-Dec-2018
3KASMC10A VISHAY-3KASMC10A_V01 Datasheet
414Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
05-Mar-13
5KASMC10A VISHAY-5KASMC10A_V01 Datasheet
98Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
19-Apr-2021
SM5A27T VISHAY-SM5A27T_V01 Datasheet
120Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM5A27 VISHAY-SM5A27_V01 Datasheet
104Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM5S10A VISHAY-SM5S10A Datasheet
103Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM6A27 VISHAY-SM6A27_V01 Datasheet
101Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM6S10A VISHAY-SM6S10A Datasheet
103Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM8A27 VISHAY-SM8A27_V01 Datasheet
100Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com