Electronic Components Datasheet Search
  English  ▼

X  

P4SMA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P4SMA
Description  Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P4SMA Datasheet(HTML) 2 Page - Vishay Siliconix

  P4SMA Datasheet HTML 1Page - Vishay Siliconix P4SMA Datasheet HTML 2Page - Vishay Siliconix P4SMA Datasheet HTML 3Page - Vishay Siliconix P4SMA Datasheet HTML 4Page - Vishay Siliconix P4SMA Datasheet HTML 5Page - Vishay Siliconix P4SMA Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P4SMA Series
www.vishay.com
Vishay General Semiconductor
Revision: 30-Jun-2021
2
Document Number: 88367
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp
≤ 50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE CA62.35
(4) For bidirectional types with VR of 10 V and less, the ID limit is doubled
(5) VF = 3.5 V at IF = 25 A (unidirectional only)
(+) Underwriters Laboratory Recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number
E136766 for both unidirectional and bidirectional device
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART
NUMBER
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (4)
(μA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR
(%/°C)
UNI
BI
MIN.
MAX.
(+)P4SMA6.8A
6V8A 6V8C
6.45
7.14
10
5.80
1000
38.1
10.5
0.057
(+)P4SMA7.5A
7V5A 7V5C
7.13
7.88
10
6.40
500
35.4
11.3
0.061
(+)P4SMA8.2A
8V2A 8V2C
7.79
8.61
10
7.02
200
33.1
12.1
0.065
(+)P4SMA9.1A
9V1A 9V1C
8.65
9.55
1.0
7.78
50
29.9
13.4
0.068
(+)P4SMA10A
10A
10C
9.5
10.5
1.0
8.55
10
27.6
14.5
0.073
(+)P4SMA11A
11A
11C
10.5
11.6
1.0
9.40
5.0
25.6
15.6
0.075
(+)P4SMA12A
12A
12C
11.4
12.6
1.0
10.2
1.0
24.0
16.7
0.078
(+)P4SMA13A
13A
13C
12.4
13.7
1.0
11.1
1.0
22.0
18.2
0.081
(+)P4SMA15A
15A
15C
14.3
15.8
1.0
12.8
1.0
18.9
21.2
0.084
(+)P4SMA16A
16A
16C
15.2
16.8
1.0
13.6
1.0
17.8
22.5
0.086
(+)P4SMA18A
18A
18C
17.1
18.9
1.0
15.3
1.0
15.9
25.2
0.089
(+)P4SMA20A
20A
20C
19.0
21.0
1.0
17.1
1.0
14.4
27.7
0.090
(+)P4SMA22A
22A
22C
20.9
23.1
1.0
18.8
1.0
13.1
30.6
0.092
(+)P4SMA24A
24A
24C
22.8
25.2
1.0
20.5
1.0
12.0
33.2
0.094
(+)P4SMA27A
27A
27C
25.7
28.4
1.0
23.1
1.0
10.7
37.5
0.096
(+)P4SMA30A
30A
30C
28.5
31.5
1.0
25.6
1.0
9.7
41.4
0.097
(+)P4SMA33A
33A
33C
31.4
34.7
1.0
28.2
1.0
8.8
45.7
0.098
(+)P4SMA36A
36A
36C
34.2
37.8
1.0
30.8
1.0
8.0
49.9
0.099
(+)P4SMA39A
39A
39C
37.1
41.0
1.0
33.3
1.0
7.4
53.9
0.100
(+)P4SMA43A
43A
43C
40.9
45.2
1.0
36.8
1.0
6.7
59.3
0.101
(+)P4SMA47A
47A
47C
44.7
49.4
1.0
40.2
1.0
6.2
64.8
0.101
(+)P4SMA51A
51A
51C
48.5
53.6
1.0
43.6
1.0
5.7
70.1
0.102
(+)P4SMA56A
56A
56C
53.2
58.8
1.0
47.8
1.0
5.2
77.0
0.103
(+)P4SMA62A
62A
62C
58.9
65.1
1.0
53.0
1.0
4.7
85.0
0.104
(+)P4SMA68A
68A
68C
64.6
71.4
1.0
58.1
1.0
4.3
92.0
0.104
(+)P4SMA75A
75A
75C
71.3
78.8
1.0
64.1
1.0
3.9
104
0.105
(+)P4SMA82A
82A
82C
77.9
86.1
1.0
70.1
1.0
3.5
113
0.105
(+)P4SMA91A
91A
91C
86.5
95.5
1.0
77.8
1.0
3.2
125
0.106
(+)P4SMA100A 100A 100C
95.0
105
1.0
85.5
1.0
2.2
137
0.106
(+)P4SMA110A 110A 110C
105
116
1.0
94.0
1.0
2.0
152
0.107
(+)P4SMA120A 120A 120C
114
126
1.0
102
1.0
1.8
165
0.107
(+)P4SMA130A 130A 130C
124
137
1.0
111
1.0
1.7
179
0.107
(+)P4SMA150A 150A 150C
143
158
1.0
128
1.0
1.4
207
0.108
(+)P4SMA160A 160A 160C
152
168
1.0
136
1.0
1.4
219
0.108
(+)P4SMA170A 170A 170C
162
179
1.0
145
1.0
1.3
234
0.108
(+)P4SMA180A 180A 180C
171
189
1.0
154
1.0
1.2
246
0.108
(+)P4SMA200A 200A 200C
190
210
1.0
171
1.0
1.1
274
0.108
(+)P4SMA220A 220A 220C
209
231
1.0
185
1.0
0.91
328
0.108
P4SMA250A
250A
-
237
263
1.0
214
1.0
0.87
344
0.110
P4SMA300A
300A
-
285
315
1.0
256
1.0
0.73
414
0.110
P4SMA350A
350A
-
333
368
1.0
300
1.0
0.62
482
0.110
P4SMA400A
400A
-
380
420
1.0
342
1.0
0.55
548
0.110
P4SMA440A
440A
-
418
462
1.0
376
1.0
0.50
602
0.110
P4SMA480A
480A
-
456
504
1.0
408
1.0
0.46
658
0.110
P4SMA510A
510A
-
485
535
1.0
434
1.0
0.43
698
0.110
P4SMA540A
540A
-
513
567
1.0
459
1.0
0.41
740
0.110



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com