Electronic Components Datasheet Search
  English  ▼

X  

DSW48024 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DSW48024
Description  GaAs SP4T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DSW48024 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DSW48024 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
MODEL NUMBER
DSW48024
FEATURES
• DC - 2000 MHz
• Small 0.38" SQ Flatpack
• RF Common on One Side
All RF Outputs on Opposite Side
• 2 Line TTL Control
• < 2 mA, +_5 VDC
• Non-Reflective
SP4T
142
GaAs SP4T
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DSW48024

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSW42044 DAICO-DSW42044 Datasheet
160Kb / 1P
GaAs SP4T
DSW46174 DAICO-DSW46174 Datasheet
163Kb / 1P
Switch SP4T
DSW46190 DAICO-DSW46190 Datasheet
179Kb / 1P
GaAs SP4T
DSW46194 DAICO-DSW46194 Datasheet
189Kb / 1P
GaAs SP4T
DSW46218 DAICO-DSW46218 Datasheet
180Kb / 1P
GaAs SP4T
More results

Similar Description - DSW48024

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSW42044 DAICO-DSW42044 Datasheet
160Kb / 1P
GaAs SP4T
DSW46190 DAICO-DSW46190 Datasheet
179Kb / 1P
GaAs SP4T
DSW46194 DAICO-DSW46194 Datasheet
189Kb / 1P
GaAs SP4T
DSW46218 DAICO-DSW46218 Datasheet
180Kb / 1P
GaAs SP4T
logo
New Japan Radio
NJG1519KC1 NJRC-NJG1519KC1 Datasheet
479Kb / 16P
SP4T SWITCH GaAs MMIC
logo
M/A-COM Technology Solu...
MASWCC0009_V7 MA-COM-MASWCC0009_V7 Datasheet
175Kb / 6P
GaAs SP4T Switch, Absorptive
MASWCC0009 MA-COM-MASWCC0009 Datasheet
175Kb / 6P
GaAs SP4T Switch, Absorptive
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
GaAs SP4T High Power Switch
MASW-007813 MA-COM-MASW-007813_15 Datasheet
603Kb / 5P
GaAs SP4T High Power Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com