Electronic Components Datasheet Search
  English  ▼

X  

MA133 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA133
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA133 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA133 Datasheet HTML 1Page - Panasonic Semiconductor MA133 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Diodes
1
MA3S133
Silicon epitaxial planar type
For switching circuits
I Features
• Super-small SS-mini type package contained two elements, allow-
ing high-density mounting
• Two diodes are connected in series in the package
I Absolute Maximum Ratings T
a
= 25°C
1 : Anode 1
2 : Cathode 2
3 : Cathode 1
Anode 2
SS-Mini Type Package (3-pin)
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
80
V
Peak reverse voltage
VRM
80
V
Forward current
Single
IF
100
mA
(DC)
Series
65
Peak forward
Single
IFM
200
mA
current
Series
130
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR
= 75 V
100
nA
Forward voltage (DC)
VF
IF
= 100 mA
1.2
V
Reverse voltage (DC)
VR
IR = 100 µA80
V
Terminal capacitance
Ct*
1
VR
= 0 V, f = 1 MHz
5.5
pF
Ct*
2
VR
= 0 V, f = 1 MHz
3.0
pF
Reverse recovery time*
3
trr*
1
IF
= 10 mA, V
R
= 6 V
150
ns
Irr = 0.1 · IR, RL = 100 Ω
trr*
2
IF = 10 mA, VR = 6 V
9
ns
Irr
= 0.1 · I
R, RL
= 100 Ω
I Electrical Characteristics T
a
= 25°C
Internal Connection
Marking Symbol: MP
Note) 1. Rated input/output frequency: 100 MHz
2. *1 : Between pins 2 and 3
*2 : Between pins 1 and 3
*3 : trr measuring circuit
1
3
2
1.60
± 0.1
0.80
1
2
0.44
0.44
3
0.80
± 0.05
0.88
+ 0.05
− 0.03
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
V
R = 6 V
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 0.1 · IR
t
r
t
p
t
rr
V
R
I
F
t
t
A


Similar Part No. - MA133

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA130.A.LP.002 TAOGLAS-MA130.A.LP.002 Datasheet
2Mb / 24P
Robust, UV and Vandal resistant PC housing
MA130.A.LP.002 TAOGLAS-MA130.A.LP.002 Datasheet
1Mb / 23P
MA130 GPS/GLONASS/GALILEO and ISM Band 868MHz
MA130.A.LP.002 TAOGLAS-MA130.A.LP.002_19 Datasheet
1Mb / 23P
MA130 GPS/GLONASS/GALILEO and ISM Band 868MHz
MA130ALP002 TAOGLAS-MA130ALP002 Datasheet
1Mb / 23P
MA130 GPS/GLONASS/GALILEO and ISM Band 868MHz
MA131.A.LK-002 TAOGLAS-MA131.A.LK-002 Datasheet
2Mb / 23P
Stable and High efficiency
More results

Similar Description - MA133

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com