Electronic Components Datasheet Search
  English  ▼

X  

GF3045 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # GF3045
Description  30.0A SALAR BYPASS DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

GF3045 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  GF3045 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd GF3045 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd GF3045 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd GF3045 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4

Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
GF3045
GF3045
Characteristics(Typical)
Number of Cycles
Fig.1: IF(AV)--Tc Derating
F
ig.2:Surge Forward Current Capadility
0
0
Ta(℃)
50
100
200
2.0
150
IN DC
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
TC measure point
1
0
2
10
20
100
60
120
180
240
360
300
8.3ms Single Half Since-Wave
JEDEC Method
Fig.3:Instantaneous Forward Voltage
F
ig.4:Typical Reverse Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
0.1
0.2
0.5
VF(V)
1.0
10
20
40
60
5.0
Ta=25℃
0
20
40
60
80
100
0.01
0.1
1.0
10
100
VRM(%)
Tj=100℃
Tj=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com