Electronic Components Datasheet Search
  English  ▼

X  

LB11696V Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB11696V
Description  Direct PWM Drive Brushless Motor Predriver IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11696V Datasheet(HTML) 2 Page - ON Semiconductor

  LB11696V Datasheet HTML 1Page - ON Semiconductor LB11696V Datasheet HTML 2Page - ON Semiconductor LB11696V Datasheet HTML 3Page - ON Semiconductor LB11696V Datasheet HTML 4Page - ON Semiconductor LB11696V Datasheet HTML 5Page - ON Semiconductor LB11696V Datasheet HTML 6Page - ON Semiconductor LB11696V Datasheet HTML 7Page - ON Semiconductor LB11696V Datasheet HTML 8Page - ON Semiconductor LB11696V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LB11696V
www.onsemi.com
2
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Symbol
Parameter
Conditions
Ratings
Unit
VCC max
Supply Voltage 1
VCC pin
18
V
IO max
Output Current
UL, VL, WL, UH, VH, and WH pins
30
mA
LVS max
LVS Pin Applied Voltage
LVS pin
18
V
Pd max 1
Allowable Power Dissipation 1
Independent IC
0.45
W
Pd max 2
Allowable Power Dissipation 2
When mounted on a 114.3 × 76.1 × 1.6 mm
glass epoxy board
1.05
W
Topr
Operating Temperature
–20 to +100
°C
Tstg
Storage Temperature
–55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
ALLOWABLE OPERATING RANGES (TA = 25°C)
Symbol
Parameter
Conditions
Ratings
Unit
VCC1−1
Supply Voltage Range 1−1
VCC pin
8 to 17
V
VCC1−2
Supply Voltage Range 1−2
VCC pin, when VCC is shorted to VREG
4.5 to 5.5
V
IO
Output Current
UL, VL, WL, UH, VH, and WH pins
25
mA
IREG
5 V Constant Voltage Output Current
−30
mA
VHP
HP Pin Applied Voltage
0 to 17
V
IHP
HP Pin Output Current
0 to 15
mA
VRD
RD Pin Applied Voltage
0 to 17
V
IRD
RD Pin Output Current
0 to 15
mA
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 12 V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC1
Current Drain 1
−
12
16
mA
ICC2
Current Drain 2
Stop mode
−
2.5
4
mA
5 V CONSTANT VOLTAGE OUTPUT (VREG PIN)
VREG
Output Voltage
4.7
5.0
5.3
V
DVREG1
Line Regulation
VCC = 8 to 17 V
−
40
100
mV
DVREG2
Load Regulation
IO = −5 to −20 mA
−
10
30
mV
DVREG3
Temperature Coefficient
Design target value
−
0
−
mV/°C
OUTPUT BLOCK
VOUT1−1
Output Voltage 1−1
Low level, IO = 400 mA
−
0.2
0.5
V
VOUT1−2
Output Voltage 1−2
Low level, IO = 10 mA
−
0.9
1.2
V
VOUT2
Output Voltage 2
High level, IO = −20 mA
VCC − 1.1 VCC − 0.9
−
V
IO Leak
Output Leak Current
−
−
10
mA
HALL AMPLIFIER BLOCK
IHB (HA)
Input Bias Current
−2
−0.5
−
mA
VICM1
Common-mode Input Voltage Range 1
When a Hall element is used
0.5
−
VCC − 2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com