Electronic Components Datasheet Search
  English  ▼

X  

LMV321 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LMV321
Description  Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV321 Datasheet(HTML) 5 Page - ON Semiconductor

  LMV321 Datasheet HTML 1Page - ON Semiconductor LMV321 Datasheet HTML 2Page - ON Semiconductor LMV321 Datasheet HTML 3Page - ON Semiconductor LMV321 Datasheet HTML 4Page - ON Semiconductor LMV321 Datasheet HTML 5Page - ON Semiconductor LMV321 Datasheet HTML 6Page - ON Semiconductor LMV321 Datasheet HTML 7Page - ON Semiconductor LMV321 Datasheet HTML 8Page - ON Semiconductor LMV321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LMV321, NCV321, LMV358, LMV324
www.onsemi.com
5
5.0 V DC ELECTRICAL CHARACTERISTICS (Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 5.0 V,
RL = 1 MW, V− = 0 V, VO = V+/2)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Offset Voltage
VIO
TA = TLow to THigh (Note 6)
1.7
9
mV
Input Offset Voltage Average Drift
TCVIO
TA = TLow to THigh (Note 6)
5
mV/°C
Input Bias Current (Note 7)
IB
TA = TLow to THigh (Note 6)
< 1
nA
Input Offset Current (Note 7)
IIO
TA = TLow to THigh (Note 6)
< 1
nA
Common Mode Rejection Ratio
CMRR
0 V v VCM v 4 V
50
65
dB
Power Supply Rejection Ratio
PSRR
2.7 V v V+ v 5 V,
VO = 1 V, VCM = 1 V
50
60
dB
Input Common−Mode Voltage Range
VCM
For CMRR w 50 dB
0 to 4
−0.2 to 4.2
V
Large Signal Voltage Gain (Note 7)
AV
RL = 2 kW
15
100
V/mV
TA = TLow to THigh (Note 6)
10
Output Swing
VOH
RL = 2 kW to 2.5 V
TA = TLow to THigh (Note 6)
VCC − 300
VCC − 400
VCC − 40
mV
VOL
RL = 2 kW to 2.5 V (Note 7)
TA = TLow to THigh (Note 6)
120
300
400
mV
VOH
RL = 10 kW to 2.5 V (Note 7)
TA = TLow to THigh (Note 6)
VCC − 100
VCC − 200
mV
VOL
RL = 10 kW to 2.5 V
TA = TLow to THigh (Note 6)
65
180
280
mV
Output Short Circuit Current
IO
Sourcing = VO = 0 V (Note 7)
Sinking = VO = 5 V (Note 7)
10
10
60
160
mA
Supply Current
ICC
LMV321
TA = TLow to THigh (Note 6)
130
250
350
mA
NCV321
TA = TLow to THigh (Note 6)
130
250
350
LMV358/358I Both Amplifiers
TA = TLow to THigh (Note 6)
210
440
615
LMV324 All Four Amplifiers
TA = TLow to THigh (Note 6)
410
830
1160
5.0 V AC ELECTRICAL CHARACTERISTICS (Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 5.0 V,
RL = 1 MW, V− = 0 V, VO = V+/2)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Slew Rate
SR
1
V/ms
Gain Bandwidth Product
GBWP
CL = 200 pF
1
MHz
Phase Margin
Qm
60
°
Gain Margin
Gm
10
dB
Input−Referred Voltage Noise
en
f = 50 kHz
50
nV/√Hz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. For LMV321, LMV358, LMV324: TA = −40°C to +85°C
For LMV321I, LMV358I, NCV321: TA = −40°C to +125°C.
7. Guaranteed by design and/or characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com