Electronic Components Datasheet Search
  English  ▼

X  

MBRA210L Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRA210L
Description  Surface Mount Schottky Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRA210L Datasheet(HTML) 2 Page - ON Semiconductor

  MBRA210L Datasheet HTML 1Page - ON Semiconductor MBRA210L Datasheet HTML 2Page - ON Semiconductor MBRA210L Datasheet HTML 3Page - ON Semiconductor MBRA210L Datasheet HTML 4Page - ON Semiconductor MBRA210L Datasheet HTML 5Page - ON Semiconductor MBRA210L Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRA210L, NRVBA210L, NRVBA210LN
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
10
V
Average Rectified Forward Current
(At Rated VR, TL = 110°C)
IO
2.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
160
A
Storage/Operating Case Temperature
Operating Junction Temperature
Tstg, TC
TJ
−55 to +125
°C
Voltage Rate of Change
(Rated VR, TJ = 25°C)
dv/dt
10,000
V/ms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Min Pad
1 Inch Pad
Unit
Thermal Resistance, Junction−to−Lead
Thermal Resistance, Junction−to−Ambient
RqJL
RqJA
22
150
15
81
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1)
VF
TJ = 25°C
TJ = 100°C
V
(IF = 0.1 A)
(IF = 1.0 A)
(IF = 2.0 A)
0.260
0.325
0.350
0.15
0.23
0.26
Maximum Instantaneous Reverse Current
IR
TJ = 25°C
TJ = 100°C
mA
(VR = 5.0 V)
(VR = 10 V)
0.25
0.70
40
60
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width ≤ 250 ms, Duty Cycle ≤ 2%.
Figure 1. Typical Forward Voltage
0.1
0.2
0.4
0.15
0.45
100
0.1
1
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 2. Maximum Forward Voltage
0.15
0.35
0.45
0.25
0.55
100
0.1
1
VF, MAXIMUM INSTANTANEOUS FORWARD
VOLTAGE (VOLTS)
VF @ 125°C
100°C
75°C
VF @ 125°C
0.05
0.05
0.3
0.25
0.35
25°C
10
10
25°C
100°C
75°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com