Electronic Components Datasheet Search
  English  ▼

X  

HV2301 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV2301
Description  Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2301 Datasheet(HTML) 2 Page - Supertex, Inc

  HV2301 Datasheet HTML 1Page - Supertex, Inc HV2301 Datasheet HTML 2Page - Supertex, Inc HV2301 Datasheet HTML 3Page - Supertex, Inc HV2301 Datasheet HTML 4Page - Supertex, Inc HV2301 Datasheet HTML 5Page - Supertex, Inc HV2301 Datasheet HTML 6Page - Supertex, Inc HV2301 Datasheet HTML 7Page - Supertex, Inc HV2301 Datasheet HTML 8Page - Supertex, Inc HV2301 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
NR032106
HV2301
Ordering Information
Device
Package Options
48-Lead TQFP
28-Lead PLCC
32-Lead BCC
HV2301
HV2301FG-G
HV2301PJ-G
HV2301B1-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation
under these conditions is not implied. Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Parameter
Value
V
DD logic supply
-0.5V to +7V
V
PP-VNN differential supply
220V
V
PP positive supply
-0.5V to V
NN+200V
V
NN negative supply
+0.5V to -200V
Logic input voltage
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to 150°C
Power dissipation:
48-Lead TQFP
28-Lead PLCC
32-Lead BCC
1.0W
1.2W
1.0W
Operating Conditions
Symbol
Parameter
Value
V
DD
Logic power supply voltage
3.0V to 5.5V
V
PP
positive high voltage supply
40V to V
NN +200V
V
NN
negative high voltage supply
-40V to -160V
V
IH
High level input voltage
0.9V to V
DD
V
IL
Low-level input voltage
0V to 0.1V
V
SIG
Analog signal voltage peak-to-peak
V
NN +10V to VPP -10V
T
A
Operating free air temperature
0OC to 70OC
Notes:
1. Power up/down sequence is arbtrary except GND must be powered -up first and powered down last.
2. V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
3. Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com