Electronic Components Datasheet Search
  English  ▼

X  

MA781 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA781
Description  Silicon epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA781 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA781 Datasheet HTML 1Page - Panasonic Semiconductor MA781 Datasheet HTML 2Page - Panasonic Semiconductor MA781 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diodes (SBD)
1
Publication date: August 2001
SKH00060AED
MA3S781 (MA781)
Silicon epitaxial planar type
For switching
I Features
• High-density mounting is possible
• Optimum for high frequency rectification because of its short
reverse recovery time (trr)
• Low forward voltage V
F and good rectification efficiency
• SS-Mini type 3-pin package
I Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
30
V
Peak reverse voltage
VRM
30
V
Forward current (DC)
IF
30
mA
Peak forward current
IFM
150
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Marking Symbol: M1L
I Electrical Characteristics T
a
= 25°C
Internal Connection
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 30 V
300
nA
Forward voltage (DC)
VF1
IF
= 1 mA
0.4
V
VF2
IF
= 30 mA
1
Terminal capacitance
Ct
VR = 1 V, f = 1 MHz
1.5
pF
Reverse recovery time *
trr
IF = IR = 10 mA
1.0
ns
Irr = 1 mA, RL = 100 Ω
Detection efficiency
η
Vin = 3 V(peak) , f = 30 MHz
65
%
RL = 3.9 kΩ, CL = 10 pF
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
Wave Form Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
I
R = 10 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 1 mA
t
r
t
p
t
rr
V
R
I
F
t
t
A
12
3
1 : Anode
2 : N.C.
3 : Cathode
EIAJ : SC-89
SSMini3-F2 Package
Unit: mm
0.28±0.05
3
12
0.28±0.05
(0.80)
1.60
+0.05
–0.03
0.12
+0.05
–0.02
0.60
+0.05
–0.03
(0.80)
(0.51)
(0.51)
3
°
Note) 1. This product is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body
and the leakage of current from the operating equipment.
 
2. Rated input/output frequency: 2 GHz
3. *: trr measuring instrument
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MA781

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MA78101BAN MURATA-MA78101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA78101BBN MURATA-MA78101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA78101CAN MURATA-MA78101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA78101CBN MURATA-MA78101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA78101DAN MURATA-MA78101DAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA781

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com