Electronic Components Datasheet Search
  English  ▼

X  

HV9922 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9922
Description  3-Pin Switch-Mode LED Lamp Driver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9922 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9922 Datasheet HTML 1Page - Supertex, Inc HV9922 Datasheet HTML 2Page - Supertex, Inc HV9922 Datasheet HTML 3Page - Supertex, Inc HV9922 Datasheet HTML 4Page - Supertex, Inc HV9922 Datasheet HTML 5Page - Supertex, Inc HV9922 Datasheet HTML 6Page - Supertex, Inc HV9922 Datasheet HTML 7Page - Supertex, Inc HV9922 Datasheet HTML 8Page - Supertex, Inc HV9922 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HV9921/22
NR040805
2
Electrical Characteristics (The * denotes the specifications which apply over the full operating junction temperature
range of -40
°C < T
A < +85°C, otherwise the specifications are at TA=25°C, VDRAIN=50V, unless otherwise noted)
Current Sense Comparator
Symbol
Parameter
Min
Typ
Max
Units
Conditions
ITH
Threshold Current – HV9921
20.5
25.5
mA
*
ITH
Threshold Current – HV9922
52
63
mA
*
TBLANK
Leading Edge Blanking Delay
200
300
400
ns
*
TON(MIN) Minimum ON Time
650
ns
OFF-Time Generator
Symbol
Parameter
Min
Typ
Max
Units
Conditions
TOFF
OFF Time
8
10.5
13
µs
Regulator (VDD)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VDD
VDD Regulator Output
7.1
7.5
7.8
V
VDRAIN
VDRAIN Supply Voltage
20
V
VUVLO
VDD Undervoltage Threshold
5.0
V
∆VUVLO
VDD Undervoltage Lockout
Hysteresis
200
mV
IDD
Operating Supply Current
200
350
µA
VDD(EXT) = 8.5V, VDRAIN = 40V
Output (DRAIN)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VBR
Breakdown Voltage
500
V
RON
ON Resistance – HV9921
110
210
Ω
IDRAIN = 20mA
RON
ON Resistance – HV9922
100
200
Ω
IDRAIN = 50mA
CDRAIN
Output Capacitance
1
5
pF
VDRAIN = 400V
ISAT
MOSFET Saturation Current
100
150
mA
Ordering Information
Package Options
DEVICE
TO-92
SOT-89
HV9921
HV9921N3
HV9921N8
HV9922
HV9922N3
HV9922N8
Absolute Maximum Ratings
Supply Voltage, VDD
-0.3 to +10V
Supply Current, IDD
+5mA
Operating Ambient Temperature Range
-40°C to +85°C
Operating Junction Temperature Range
-40° to +125°C
Storage Temperature Range
-65° to +150°C
Power Dissipation @ 25°C, TO-92
740mW
Power Dissipation @ 25°C, SOT-89
1600mW
†
† Mounted on FR4 board, 25mm x 25mm x 1.57mm.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com