Electronic Components Datasheet Search
  English  ▼

X  

HV9921 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV9921
Description  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9921 Datasheet(HTML) 6 Page - Supertex, Inc

Back Button HV9921 Datasheet HTML 2Page - Supertex, Inc HV9921 Datasheet HTML 3Page - Supertex, Inc HV9921 Datasheet HTML 4Page - Supertex, Inc HV9921 Datasheet HTML 5Page - Supertex, Inc HV9921 Datasheet HTML 6Page - Supertex, Inc HV9921 Datasheet HTML 7Page - Supertex, Inc HV9921 Datasheet HTML 8Page - Supertex, Inc HV9921 Datasheet HTML 9Page - Supertex, Inc HV9921 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
NR092005
HV9921/HV9922/HV9923
as:
(4)
In order to avoid false triggering of the current sense
comparator, C
P must be minimized in accordance with the
following expression:
(5)
where T
BLANK(MIN) is the minimum blanking time of 200ns, and
V
IN(MAX) is the maximum instantaneous input voltage.
Estimating Power Loss
Discharging the parasitic capacitance C
P into the DRAIN
pin of the HV9921/22/23 is responsible for the bulk of the
switching power loss. It can be estimated using the following
equation:
(6)
where Fs is the switching frequency, I
SAT is the saturated
DRAIN current of the HV9921/22/23. The switching loss is
the greatest at the maximum input voltage.
The switching frequency is given by the following:
(7)
where
η is the efficiency of the power converter.
When the HV9921/22/23 LED driver is powered from the
full-wave rectified AC input, the switching power loss can be
estimated as:
(8)
V
AC is the input AC line voltage.
The switching power loss associated with turn-off transitions
of the DRAIN pin can be disregarded. Due to the large amount
of parasitic capacitance connected to this switching node,
the turn-off transition occurs essentially at zero-voltage.
Conduction power loss in the HV9921/22/23 can be
calculated as:
(9)
where D = V
O /ηVIN is the duty ratio, RON is the ON resistance,
I
DD is the internal linear regulator current.
When the LED driver is powered from the full-wave
rectified AC line input, the exact equation for calculating the
conduction loss is more cumbersome. However, it can be
estimated using the following equation:
(10)
where V
AC is the input AC line voltage. The coefficients KC
and K
d can be determined from the minimum duty ratio of
the HV9921/22/23
Fig. 1. Conduction Loss Coefficients K
C and Kd
EMI Filter
As with all off-line converters, selecting an input filter is critical
to obtaining good EMI. A switching side capacitor, albeit of
small value, is necessary in order to ensure low impedance
to the high frequency switching currents of the converter. As
a rule of thumb, this capacitor should be approximately 0.1-
0.2
µF/W of LED output power. A recommended input filter is
shown in Figure 2 for the following design example.
Design Example 1
Let us design an HV9921 LED lamp driver meeting the
following specifications:
Input:
Universal AC, 85-264VAC
Output Current: 20mA
Load:
String of 10 LED (LW541C by OSRAM
V
F = 4.1V max. each)
Step 1. Calculating L1.
The output voltage V
O = 10 ⋅ VF ≈ 41V (max.). Use equation
(1) assuming a 30% peak-to-peak ripple.
()
()
()
SAT
BLANK MIN
rr
P
IN MAX
IT
t
C
V
⋅−
<
IN
P
SPIKE
rr
SAT
VC
Tt
I
⋅
=+
2
IN
P
SWITCH
IN SAT
rr
S
VC
PV I
t
F
2
⎛⎞
=+
⋅
⋅
⎜⎟
⎝⎠
1
IN
O
S
IN
OFF
VV
F
VT
η−
−⋅
=
⋅
()
()
1
SWITCH
AC
P
SAT
rr
AC
O
OFF
1
PV
C
2 I
t
V
V
2T
η−
≈⋅
+ ⋅
⋅
−
⋅
⋅
()
2
COND
O
ON
DD
IN
PD I
R
I
V
1 D
=⋅
⋅
+
⋅
⋅ −
2
COND
C
O
ON
d
DD
AC
PK
I
R
K
I
V
=⋅
⋅
+
⋅
⋅
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Kd Dm
(
)
Kc Dm
()
Dm
.
.
41V 10 5 s
L1
72mH
03 20mA
µ
⋅
==
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com