Electronic Components Datasheet Search
  English  ▼

X  

HMC489LP5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HMC489LP5
Description  SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMC489LP5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HMC489LP5 Datasheet HTML 1Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 2Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 3Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 4Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 5Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5
5 - 494
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Noise Figure vs. Temperature
Output IP3 vs. Temperature
Power Compression @ 15 GHz
Gain, Power & OIP3
vs. Supply Voltage @ 15 GHz
Reverse Isolation vs. Temperature
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
11
12
13
14
15
16
17
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
26
28
30
32
34
36
6.5
7
7.5
Gain
P1dB
Psat
OIP3
Vdd Supply Voltage (Vdc)
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
700
800
900
1000
1100
1200
1300
Gain
P1dB
Psat
OIP3
Idd Supply Current (mA)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
11
12
13
14
15
16
17
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
11
12
13
14
15
16
17
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
-8
-4
0
4
8
12
16
20
24
Pout
Gain
PAE
INPUT POWER (dBm)
Gain, Power & OIP3
vs. Supply Current @ 15 GHz
HMC489LP5 / 489LP5E
SURFACE MOUNT PHEMT 1 WATT
POWER AMPLIFIER, 12 - 16 GHz
v01.0705



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com