Electronic Components Datasheet Search
  English  ▼

X  

574321 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 574321
Description  Connecting cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

574321 Datasheet(HTML) 2 Page - Festo Corporation.

  574321 Datasheet HTML 1Page - Festo Corporation. 574321 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Cable diameter
7 mm
Cable diameter tolerance
± 0.1 mm
Cable design
5 x 1 mm²
Nominal conductor cross section
1 mm²
Degree of protection
IP65
IP68
IP69K
Note on degree of protection
In mounted state
Special features
Oil-resistant
Ambient temperature
-25 °C ... 80 °C
Ambient temperature with flexible cable installation
-5 °C ... 80 °C
CE marking (see declaration of conformity)
As per EU low voltage directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for electrical equipment
To UK RoHS instructions
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Halogen-free
Free of phosphoric acid ester
Contamination level
3
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Material of cable sheath
TPE-U(PUR)
Color cable sheath
Gray
Housing material
TPE-U(PUR)
Housing colour
Black
Material of screw-type lock
Brass, nickel-plated
Seals material
NBR
Material of pin contacts
Copper alloy, gold-plated
Insulating sheath material
PP
7/18/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com