Electronic Components Datasheet Search
  English  ▼

X  

1346550 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1346550
Description  Protective cover - HC-B24-HCWS-PLR-BK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1346550 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1346550 Datasheet HTML 1Page - PHOENIX CONTACT 1346550 Datasheet HTML 2Page - PHOENIX CONTACT 1346550 Datasheet HTML 3Page - PHOENIX CONTACT 1346550 Datasheet HTML 4Page - PHOENIX CONTACT 1346550 Datasheet HTML 5Page - PHOENIX CONTACT 1346550 Datasheet HTML 6Page - PHOENIX CONTACT 1346550 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Commercial Data
Item number
1346550
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
B10
Product Key
BF7AZC
GTIN
4063151660062
Weight per Piece (including packing)
63.8 g
Weight per Piece (excluding packing)
63.8 g
Customs tariff number
85389099
Country of origin
CN
Protective cover - HC-B24-HCWS-PLR-BK
1346550
https://www.phoenixcontact.com/us/products/1346550
Jul 6, 2022, 4:47 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com