Electronic Components Datasheet Search
  English  ▼

X  

STW20NK70Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW20NK70Z
Description  N-CHANNEL 700V - 0.25W - 20A TO-247 Zener-Protected SuperMESH TM Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW20NK70Z Datasheet(HTML) 1 Page - STMicroelectronics

  STW20NK70Z Datasheet HTML 1Page - STMicroelectronics STW20NK70Z Datasheet HTML 2Page - STMicroelectronics STW20NK70Z Datasheet HTML 3Page - STMicroelectronics STW20NK70Z Datasheet HTML 4Page - STMicroelectronics STW20NK70Z Datasheet HTML 5Page - STMicroelectronics STW20NK70Z Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
TARGET DATA
June 2003
STW20NK70Z
N-CHANNEL 700V - 0.25
Ω -20A TO-247
Zener-Protected SuperMESH™Power MOSFET
n
TYPICAL RDS(on) = 0.25 Ω
n
EXTREMELY HIGH dv/dt CAPABILITY
n
100% AVALANCHE TESTED
n
GATE CHARGE MINIMIZED
n
VERY LOW INTRINSIC CAPACITANCES
n
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
n
HIGH CURRENT, HIGH SPEED SWITCHING
n
IDEAL FOR OFF-LINE POWER SUPPLIES
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STW20NK70Z
700 V
< 0.285
Ω
20 A
300 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STW20NK70Z
W20NK70Z
TO-247
TUBE
TO-247
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STW20NK70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW20NK50Z STMICROELECTRONICS-STW20NK50Z Datasheet
133Kb / 7P
N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Jul-2003
STW20NK50Z STMICROELECTRONICS-STW20NK50Z Datasheet
383Kb / 13P
N-CHANNEL 500V -0.23 OHM - 17A TO-220/D2PAK/I2SPAK/TO-247
May-2004
STW20NK50Z STMICROELECTRONICS-STW20NK50Z Datasheet
380Kb / 13P
N-CHANNEL 500V -0.23Ω- 17A TO-220/D2PAK/I2SPAK/TO-247 Zener-Protected SuperMESH™MOSFET
May-2004
STW20NK50Z STMICROELECTRONICS-STW20NK50Z Datasheet
613Kb / 18P
N-channel 500 V, 0.23 Ω, 17 A SuperMESH™Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
26-Nov-2009
logo
Inchange Semiconductor ...
STW20NK50Z ISC-STW20NK50Z Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW20NK70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20NK50Z STMICROELECTRONICS-STP20NK50Z Datasheet
133Kb / 7P
N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Jul-2003
STP9NK70Z STMICROELECTRONICS-STP9NK70Z Datasheet
664Kb / 14P
N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
April 2002
STW18NK60Z STMICROELECTRONICS-STW18NK60Z Datasheet
206Kb / 9P
N-CHANNEL 600V - 0.27??- 16A TO-247 Zener-Protected SuperMESH??MOSFET
Apr-2004
STW12NK90Z STMICROELECTRONICS-STW12NK90Z Datasheet
267Kb / 14P
N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET
17-Oct-2006
STW13NK80Z STMICROELECTRONICS-STW13NK80Z Datasheet
310Kb / 9P
N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESH Power MOSFET
Jul-2003
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
Apr-2004
STW52NK25Z STMICROELECTRONICS-STW52NK25Z Datasheet
232Kb / 10P
N-CHANNEL 250V - 0.033??- 52A TO-247 Zener-Protected SuperMESH??MOSFET
22-Nov-2004
STW54NK30Z STMICROELECTRONICS-STW54NK30Z Datasheet
267Kb / 10P
N-CHANNEL 300V - 0.052??- 54A TO-247 Zener-Protected SuperMESH??MOSFET
31-Jan-2005
STW11NK90Z STMICROELECTRONICS-STW11NK90Z Datasheet
239Kb / 12P
N-channel 900V - 0.82OHM - 9.2A - TO-247 Zener-protected SuperMESH Power MOSFET
25-Jul-2006
STW18NK80Z STMICROELECTRONICS-STW18NK80Z_06 Datasheet
269Kb / 14P
N-channel 800V - 0.34Ω - 19A - TO-247 Zener-protected SuperMESH™ Power MOSFET
17-Oct-2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com