Electronic Components Datasheet Search
  English  ▼

X  

ADL5330 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5330
Description  1 MHz - 3 GHz VGA with 60dB Gain Control Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330 Datasheet(HTML) 3 Page - Analog Devices

  ADL5330 Datasheet HTML 1Page - Analog Devices ADL5330 Datasheet HTML 2Page - Analog Devices ADL5330 Datasheet HTML 3Page - Analog Devices ADL5330 Datasheet HTML 4Page - Analog Devices ADL5330 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Preliminary Technical Data
ADL5330
REV. PrK | Page 3 of 5
Table 2. Pin Function Description
Pin
Name
Description
1,6
VPS1
Positive Supply for input stage. Nominally equal to 5 V
2,5
COM1
Common for input stage
3, 4
INHI,INLO
Differential inputs
7
VREF
Voltage reference output of 1.5 volts
8
IPBS
Input bias, normally no connection. This function is subject to change. PCB
designs should include the possibility to connect a capacitor between Pin 8 and
Pin 9.
9
OPBS
Output bias, normally no connection. This function is subject to change. PCB
designs should include the possibility to connect a capacitor between Pin 8 and
Pin 9.
10,11,12,14,
17
COM2
Common for output stage
13,18,19,20,
21,22
VPS2
Positive Supply for output stage. Nominally equal to 5 V
15
OPLO
Low side of differential output, bias to VP with RF chokes
16
OPHI
High side of differential output, bias to VP with RF chokes
23
ENBL
Device enable, apply logic high for normal operation. Enable Threshold = 1.6 V
24
GAIN
Gain-control voltage input. Nominal Range 0 to 1.4 V.
VPS1
COM1
INLO
INHI
COM1
VPS1
GAIN
VREF
VPS2
VPS2
COM2
COM2
OPLO
OPHI
VPS2
COM2
ADL5330
T2
R2
0
C1
100 pF
C2
0.1 uF
R5
0
C7
100 pF
C8
0.1 uF
C5
100 pF
C6
100 pF
R4
0
C4
100 pF
C3
0.1 uF
C11
100 pF
C12 100 pF
R12
0
C13
100 pF
C14
0.1 uF
L2
120 nH
L1
120 nH
R6
0
C9
0.1 uF
C10
100 pF
VPOS
VPOS
VPOS
J3
Input
VPOS
VPOS
R8
0
R7
0
R9
0
R10
1nF
R11
1nF
J4
VREF
J5
IPBS
J6
OPBS
J7
Output
VPOS
SW1
R1
0
R3
0
J2
Gain
J1
Enable
VP
GND
R13
10k
R14
open
T1
50 ohm microstrip
25 ohm microstrip
25 ohm microstrip
(both sides of caps)
R15
open
50 ohm microstrip
Figure 2. ADL5330 Evaluation Board Schematic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com