Electronic Components Datasheet Search
  English  ▼

X  

SRL320 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SRL320
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SRL320 Datasheet(HTML) 2 Page - Rectron Semiconductor

  SRL320 Datasheet HTML 1Page - Rectron Semiconductor SRL320 Datasheet HTML 2Page - Rectron Semiconductor SRL320 Datasheet HTML 3Page - Rectron Semiconductor SRL320 Datasheet HTML 4Page - Rectron Semiconductor SRL320 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
LEAD TEMPERATURE, (
OC)
0
0.1
0.01
1.0
100
1000
0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
100
120
140
150
100
50
0
0
0.2
0.4
0.8
1.0
1.4
1.6
0.1
1.0
10
50
1.2
0.6
1.8
RATING AND CHARACTERISTICS CURVES ( SRL320 THRU SRL3100)
FIG.1 TYPICAL FORWARD CURRENT
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
DERATING CURVE
REVERSE VOLTAGE, (V)
0.1
10
80
60
40
20
100
200
400
40
0.41.0
4
10
80 100
FIG.4 TYPICAL JUNCTION CAPACITANCE
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
100
120
20
0
40
80
60
2
5
10
20
50
100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
SURGE CURRENT
Single Phase Half Wave
60Hz Inductive or
Resistive Load
0.375" (9.5mm) Lead Length
TA = 100
OC
TA = 25
OC
8.3mS Single Half Sine-Wave
JEDEC Method
TJ = 25
OC
Pulse width=300
μS
1% Duty Cycle
SRL380 ~ SRL3100
SRL32 0~SRL34 0
SRL350~SRL360
TJ = 25
OC
FIG.3
FIG.3
CHARACTERISTICS
CHARACTERISTICS
FIG.2
REVERSE
FIG.2
REVERSE
CHARACTERISTICS
CHARACTERISTICS
INSTANTANEOUS FORWARD
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com