Electronic Components Datasheet Search
  English  ▼

X  

SRL40150CS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SRL40150CS
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE 150 Volts CURRENT 40.0 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SRL40150CS Datasheet(HTML) 1 Page - Rectron Semiconductor

  SRL40150CS Datasheet HTML 1Page - Rectron Semiconductor SRL40150CS Datasheet HTML 2Page - Rectron Semiconductor SRL40150CS Datasheet HTML 3Page - Rectron Semiconductor SRL40150CS Datasheet HTML 4Page - Rectron Semiconductor SRL40150CS Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE 150 Volts CURRENT 40.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
SRL40150CS
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
* Case: D2-PAK molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 3)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
40
400
4.0
40
500
Amps
0 C/W
0 C
Storage Temperature Range
R JC
R JA
IO
pF
Operating Temperature Range
TJ
150
-65 to + 150
0 C
SRL40150CS
150
105
150
SRL40150CS
NOTES : 1. Thermal Resistance : Heat-sink mounted.
2. Suffix “A” = Common Anode.
3. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 20.0A DC
Volts
0.2
30
@TA = 25
oC
@TA = 150
oC
.65
mA
UNITS
I
2t
A
2/Sec
664
Current Squarad Time
* P/N suffix V means Halogen-free
* P/N suffix V means AEC-Q101 qualified, e.g:SRL40150CSV
D2-PAK
Dimensions in inches and (millimeters)
.412 (10.46)
.388 (9.86)
.189 (4.80)
.173 (4.40)
.053 (1.35)
.049 (1.25)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.202 (5.13)
.028 (0.71)
.198 (5.03)
.036 (0.91)
.012 (0.30)
PIN 1
PIN 3
HEATSINK
PIN 2
2022-04
REV:B
4."RoHS compliant"


Similar Part No. - SRL40150CS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SRL40100C RECTRON-SRL40100C Datasheet
412Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT40.0 Amperes
2022-04/52 REV:A
More results

Similar Description - SRL40150CS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
KSLDB260S RECTRON-KSLDB260S Datasheet
112Kb / 8P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 60 Volts CURRENT 2.0 Ampere
2020-10 REV:O
KSLDB3100S RECTRON-KSLDB3100S Datasheet
136Kb / 8P
VOLTAGE 100 Volts CURRENT 3.0 Ampere SCHOTTKY BARRIER RECTIFIER
2018-09 REV:O
KSLDB3200S RECTRON-KSLDB3200S Datasheet
228Kb / 8P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 200 Volts CURRENT 3.0 Ampere
2018-10 REV:A
KSLDB340S RECTRON-KSLDB340S Datasheet
203Kb / 8P
VOLTAGE 40 Volts CURRENT 3.0 Ampere SCHOTTKY BARRIER RECTIFIER
2018-09 REV:B
SR3045S RECTRON-SR3045S Datasheet
213Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 45 Volts CURRENT 30.0 Ampere
2022-04 REV:B
SR16200CS RECTRON-SR16200CS Datasheet
721Kb / 4P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 200 Volts CURRENT 16.0 Ampere
2022-04 REV:A
SR20200A RECTRON-SR20200A Datasheet
851Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 200 Volts CURRENT 20.0 Ampere
2022-04/52 REV:A
SRL30150C RECTRON-SRL30150C Datasheet
87Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 150 Volts CURRENT 30 Amperes
2022-04 REV:A
SRL5100PV RECTRON-SRL5100PV Datasheet
188Kb / 6P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 5.0 Ampere
2021-12 REV: O
SS150V RECTRON-SS150V Datasheet
303Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE 150 to Volts CURRENT 1.0 Ampere 200
2022-04 REV:O
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com