Electronic Components Datasheet Search
  English  ▼

X  

SS510 Datasheet(PDF) 5 Page - Rectron Semiconductor

Part # SS510
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 5.0 Ampere
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SS510 Datasheet(HTML) 5 Page - Rectron Semiconductor

  SS510 Datasheet HTML 1Page - Rectron Semiconductor SS510 Datasheet HTML 2Page - Rectron Semiconductor SS510 Datasheet HTML 3Page - Rectron Semiconductor SS510 Datasheet HTML 4Page - Rectron Semiconductor SS510 Datasheet HTML 5Page - Rectron Semiconductor SS510 Datasheet HTML 6Page - Rectron Semiconductor SS510 Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
67
REEL TAPING SPECIFICATIONS FOR
A
E
F
d
P1
P0
W
B
P
SURFACE MOUNT DEVICES-FLAT MELF
D
W1
D2
D1
( SMA/SMB/SMC )
T
MAX. 3
o
MAX. 3
o
A
R
C
Fig.: Configuration of FLAT MELF TAPING
(SMA/SMB/SMC)
ITEM
SYMBOL
DO214AC (SMA) mm(inch)
DO214AA (SMB) mm(inch)
DO214AB (SMC) mm(inch)
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole diameter
Strocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Totall tape thickness
Tape width
Reel width
A
B
C
d
D
D1
D2
E
F
P
P0
P1
T
W
W1
2.6
0.15 (.102
.006)
5.15
0.15 (.203
.006)
2.3
0.15 (.091
.006)
1.5
0.1 (.059
.004)
178
2.0 (7.0
.079)
50 Min.
13
0.5 (.512
.020)
1.5
0.1 (.059
.004)
5.65
0.05 (.222
.002)
4.0
0.1 (.157
.004)
4.0
0.1 (.157
.004)
2.0
0.1 (.079
.004)
0.30
.05 (.012
.002)
12.0
0.2 (.472
.008)
16.8
2.0 (.661
.079)
3.65
0.1 (.144
.004)
5.69
0.1 (.224
.004)
2.67
0.1 (.105
.004)
1.5
0.1 (.059
.004)
178
2.0 (7.0
.079)
50 Min.
13
0.5 (.512
.020)
1.5
0.1 (.059
.004)
5.65
0.05 (.222
.002)
8.0
0.1 (.315
.004)
4.0
0.1 (.157
.004)
2.0
0.1 (.079
.004)
0.6 Max.
12.0
0.2 (.472
.008)
16.8
2.0 (.661
.079)
24.0
2.0 (.945
.079)
16.0
0.2 (.630
.008)
0.6 Max.
4.0
0.1 (.157
.004)
4.0
0.1 (.157
.004)
8.0
0.1 (.315
.004)
7.65
0.05 (.301
.002)
1.5
0.1 (.059
.004)
13
0.5 (.512
.020)
50 Min.
178
2.0 (7.0
.079)
1.5
0.1 (.059
.004)
2.5
0.1 (.098
.004)
8.30
0.1 (.327
.004)
6.0
0.1 (.236
.004)
Notes: 1.Devices are packed in accordance with EIA standard RS-481-A and specification given above.
2.Available on 7 inch ( 1500 ct. ) or 13 inch ( 5000 ct. ) diameter reels.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com