Electronic Components Datasheet Search
  English  ▼

X  

UMB4F Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # UMB4F
Description  Ultra Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

UMB4F Datasheet(HTML) 1 Page - Rectron Semiconductor

  UMB4F Datasheet HTML 1Page - Rectron Semiconductor UMB4F Datasheet HTML 2Page - Rectron Semiconductor UMB4F Datasheet HTML 3Page - Rectron Semiconductor UMB4F Datasheet HTML 4Page - Rectron Semiconductor UMB4F Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ultra Miniature Glass Passivated Single-Phase
Surface Mount Flat Bridge Rectifier
Surface Mount Flat Bridge Rectifier
Features
Low profile space
Ideal for automated placement
Glass passivated chip junction
Low forward voltage drop
gp
Low leakage current
High forward surge capability
High temperature soldering
260
/10 seconds at terminals
SOF2-4
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Case: SOF2-4 Molded plastic
over glass passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity: Polarity symbols marked on body
Polarity: Polarity symbols marked on body
UMB05F
THRU
UMB10F
Note 1: On glass epoxy P.C.B. mounted on 0.06×0.04 (1.5×1.1mm) pads
Note 2: On aluminum substrate P.C.B. with an area of 0.8 0.8 (20×20mm) mounted on 0.06×0.04 (1.5×1.1mm) solder pad
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
5
100
Reverse current per leg V =
R VDC
T =
j 25
T =
j 125
IR
-
-
UNIT
Instantaneous forward voltage per leg IF 0.4A
VF
-
0.96
1.10
V
Items
Symbol
Min
Type
Max
2018-10/08
REV:A
Maximum Ratings & Thermal Characteristics (TA = 25 °C unless otherwise noted)
V
C
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
UMB
6F
UMB
8F
UMB
10F
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
Items
Symbol
UMB
05F
UMB
1F
UMB
2F
UMB
4F
600
800
1000
V
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
20
A
Maximum average forward rectified current
IF(AV)
0.5
0.8
at T =
A 30
-on glass-epoxy P.C.B(1)
A
-on aluminum substrate(2)
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Operating junction and storage temperature
range
TJ ,TSTG
–55 to +150
Thermal resistance from junction to ambient
per leg
RθJA(1)
100
/W
RθJA(2)
80
Thermal resistance from junction to lead per
leg(1)
RθJL
30
/W
Typical Current Squared Time
I t
2
1.66
A S
2
Reverse Recovery Time (Note 2)
Notes: 1.Pulse test :300 us pulse width,1% duty cycle.
2.Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
Tr r
=
-
-
2
uA
uSec


Similar Part No. - UMB4F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
UMB4F JUXING-UMB4F Datasheet
987Kb / 3P
Ultra Miniature Glass Passivated Single-Phase
logo
DIYI Electronic Technol...
UMB4F DYELEC-UMB4F Datasheet
2Mb / 3P
SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UMB4F JUXING-UMB4F Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
UMB4F ZSELEC-UMB4F Datasheet
91Kb / 2P
ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMB4F ZSELEC-UMB4F Datasheet
91Kb / 2P
ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UMB4F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA Datasheet
27Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
MB2S VISHAY-MB2S Datasheet
112Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
logo
PACELEADER INDUSTRIAL
MB05F PACELEADER-MB05F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
MB105F PACELEADER-MB105F Datasheet
242Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
logo
Guangdong Juxing Electr...
MB105F JUXING-MB105F Datasheet
868Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifer
logo
Vishay Siliconix
B2S VISHAY-B2S_13 Datasheet
93Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
19-Aug-13
logo
Microdiode Semiconducto...
LB1S CHENDA-LB1S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
B2S VISHAY-B2S_V01 Datasheet
104Kb / 4P
Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifier
04-Aug-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com