Electronic Components Datasheet Search
  English  ▼

X  

MA3V176D Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA3V176D
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3V176D Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA3V176D Datasheet HTML 1Page - Panasonic Semiconductor MA3V176D Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Diodes
1
MA3V175D, MA3V176D
Silicon epitaxial planar type
For switching circuits
I Features
• Short reverse recovery time t
rr
• Small terminal capacitance, C
t
I Absolute Maximum Ratings T
a = 25°C
1 : Cathode
2 : Anode
3 : Cathode
New S-Type Package
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage
MA3V175D
VR
40
V
(DC)
MA3V176D
80
Peak reverse
MA3V175D
VRM
40
V
voltage
MA3V176D
80
Forward current
Single
IF
100
mA
(DC)
Double
150
Peak forward
Single
IFM
225
mA
current
Double
340
Non-repetitive peak
Single
IFSM
500
mA
forward surge current* Double
750
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Internal Connection
Note) * : t = 1 s
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
MA3V175D
IR
VR = 35 V
0.1
µA
MA3V176D
VR = 75 V
0.1
Forward voltage (DC)
VF
IF = 100 mA
1.2
V
Reverse voltage (DC)
MA3V175D
VR
IR = 100 µA40
V
MA3V176D
80
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
4
pF
Reverse recovery time*
trr
IF = 10 mA, VR = 6 V
10
ns
Irr = 0.1 · IR, RL = 100
Ω
I Electrical Characteristics T
a = 25°C
Note) 1. Rated input/output frequency: 100 MHz
2. * : trr measuring circuit
1
3
2
4.0
± 0.2
marking
2.54
± 0.15
1.27
1.27
123
Input Pulse
Output Pulse
Sampling
Oscilloscope
R
i = 50 Ω
DUT
R
s = 50 Ω
V
= V
R + IR·RS
I
F
t
r
t
P
t
rr
t
I
rr = 0.1·IR
I
F
0
10%
90%
t
p = 100 ns
t
r = 0.6 ns
δ = 0.05
I
F = 10 mA
V
R = 6 V
R
L = 100 Ω


Similar Part No. - MA3V176D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3V176E PANASONIC-MA3V176E Datasheet
48Kb / 2P
Silicon epitaxial planar type
MA3V176E PANASONIC-MA3V176E Datasheet
73Kb / 3P
Silicon epitaxial planar type
More results

Similar Description - MA3V176D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com