Electronic Components Datasheet Search
  English  ▼

X  

541336 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 541336
Description  Connecting cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

541336 Datasheet(HTML) 1 Page - Festo Corporation.

  541336 Datasheet HTML 1Page - Festo Corporation. 541336 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Connecting cable
NEBU-M8W3N-K-2.5-LE3
Part number: 541336
Data sheet
Feature
Value
Conforms to standard
Wire colors and connection numbers as per EN 60947-5-2
EN 61076-2-104
Ready status indication
LED green
Switching status indication
LED yellow
For NPN N/O contacts
Cable designation
With 2x label holders
Product weight
64 g
Electrical connection 1, function
Field device end
Electrical connection 1, design
Round
Electrical connection 1, connection type
Socket
Electrical connection 1, cable outlet
Angled
Electrical connection 1, connection technology
M8x1 A-coded as per EN 61076-2-104
Electrical connection 1, number of pins/wires
3
Electrical connection 1, occupied pins/wires
3
Electrical connection 1, type of mounting
Screw-type lock
Electrical connection for input 1, connection pattern
00991871
Electrical connection 2, function
Control side
Electrical connection 2, connection type
Cable
Electrical connection 2, connection technology
Open end
Electrical connection 2, number of pins/wires
3
Electrical connection 2, occupied pins/wires
3
DC operating voltage range
10 V ... 30 V
Current rating at 40°C
3 A
Surge resistance
0.8 kV
Cable length
2.5 m
Cable characteristic
Standard
Connector cable test conditions
Flexural strength: as per Festo standard
Test conditions on request
Cable chain: 5 million cycles, bending radius 75 mm
Bending radius, fixed cable installation
12 mm
Bending radius, flexible cable installation
39 mm
Cable diameter
3.8 mm
Cable diameter tolerance
± 0.1 mm
Cable design
3 x 0.25 mm²
Nominal conductor cross section
0.25 mm²
7/19/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 541336

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5413364-2 TEC-5413364-2 Datasheet
988Kb / 34P
RF Coax Connectors
5413364-2 TEC-5413364-2 Datasheet
989Kb / 34P
BNC Connectors (50 ohm/75 ohm)
Revised 3-07
5413366-2 TEC-5413366-2 Datasheet
989Kb / 34P
BNC Connectors (50 ohm/75 ohm)
Revised 3-07
5413366-21 TEC-5413366-21 Datasheet
988Kb / 34P
RF Coax Connectors
More results

Similar Description - 541336

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
541363 FESTO-541363 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541364 FESTO-541364 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541370 FESTO-541370 Datasheet
90Kb / 2P
Connecting cable
7/18/22
567844 FESTO-567844 Datasheet
91Kb / 2P
Connecting cable
7/18/22
541346 FESTO-541346 Datasheet
85Kb / 2P
Connecting cable
7/19/22
541349 FESTO-541349 Datasheet
84Kb / 2P
Connecting cable
7/19/22
554035 FESTO-554035 Datasheet
93Kb / 2P
Connecting cable
7/19/22
569842 FESTO-569842 Datasheet
84Kb / 2P
Connecting cable
7/19/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com