Electronic Components Datasheet Search
  English  ▼

X  

A4812 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # A4812
Description  SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH PRECISION PROGRAMMABLE VOLTAGE DETECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

A4812 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  A4812 Datasheet HTML 1Page - AiT Semiconductor Inc. A4812 Datasheet HTML 2Page - AiT Semiconductor Inc. A4812 Datasheet HTML 3Page - AiT Semiconductor Inc. A4812 Datasheet HTML 4Page - AiT Semiconductor Inc. A4812 Datasheet HTML 5Page - AiT Semiconductor Inc. A4812 Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A4812
SUPERVISOR (RESET IC)
ULTRA-SMALL PACKAGE HIGH PRECISION PROGRAMMABLE
VOLTAGE DETECTOR
REV1.0
- MAR 2014 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The A4812 series is a series of high precision
programmable voltage detectors developed by
CMOS process. The detection voltage is
programmable by external resistors with an
accuracy of ±1.0%. Two output forms, Nch
open-drain active low and CMOS active high
output, are available. Ultra-low current consumption
and miniature package lineup can meet demand
from the portable device applications.
The A4812 is available in SC70-5 package.
ORDERING INFORMATION
Package Type
Part Number
SC70-5
C5
A4812C5R
A4812C5VR
Note
V: Halogen free Package
R: Tape & Reel
SPQ: 3,000pcs/Reel
AiT provides all RoHS products
Suffix “ V “ means Halogen free Package
High-precision detection voltage±1%
Ultra-low current consumption 4.0μA typ.
(VIN=3.0V)
Operating voltage range 0.7V to 8.0V
Output form Nch open-drain output (Active Low)
or CMOS output (Active Low)
Detection voltage temperature characteristics
±100ppm(typ.)
Available in SC70-5 Package
APPLICATION
Battery checkers
Power failure detectors
Power monitor for portable equipments such as
pagers, calculators, electronic notebooks and
remote controllers.
Constant voltage power monitor for cameras,
video equipments and communication devices.
Power monitor for microcomputers and reset for
CPUs.
TYPICAL APPLICATION


Similar Part No. - A4812

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A4812XD MICRODC-A4812XD Datasheet
579Kb / 5P
Isolated 1W Dual Output DC/DC Converters
A4812XD-2W MICRODC-A4812XD-2W Datasheet
1Mb / 5P
Isolated 2W Dual Output DC/DC Converters
A4812XS MICRODC-A4812XS Datasheet
579Kb / 5P
Isolated 1W Dual Output DC/DC Converters
A4812XS-2W MICRODC-A4812XS-2W Datasheet
1Mb / 5P
Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - A4812

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 SII-S-1000 Datasheet
494Kb / 38P
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
Ultra-small package High-precision Voltage Detector with delay
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
AiT Semiconductor Inc.
A4804 AITSEMI-A4804 Datasheet
661Kb / 10P
SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
A4805 AITSEMI-A4805 Datasheet
425Kb / 8P
SUPERVISOR (RESET IC) HIGH VOLTAGE HIGH PRECISION VOLTAGE DETECTOR
REV1.4
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com