Electronic Components Datasheet Search
  English  ▼

X  

PT4213 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4213
Description  5-7 Watt Low-Profile Isolated DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4213 Datasheet(HTML) 2 Page - Texas Instruments

  PT4213 Datasheet HTML 1Page - Texas Instruments PT4213 Datasheet HTML 2Page - Texas Instruments PT4213 Datasheet HTML 3Page - Texas Instruments PT4213 Datasheet HTML 4Page - Texas Instruments PT4213 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
PT4210 Series —48V
5-7 Watt Low-Profile
Isolated DC-DC Converter
PT4213 Performance (See Note A)
Efficiency Vs Output Current
Power Dissipation Vs Output Current
Ripple Voltage Vs Output Current
Safe Operating Area, Vin =36–60V
PT4212 Performance (See Note A)
PT4214 Performance (See Note A)
Efficiency Vs Output Current
Efficiency Vs Output Current
Ripple Voltage Vs Output Current
Ripple Voltage Vs Output Current
Power Dissipation Vs Output Current
Power Dissipation Vs Output Current
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the converter.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
Safe Operating Area, Vin =36–60V
Safe Operating Area, Vin =36–60V
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.3
0.6
0.9
1.2
1.5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Iout (A)
60LFM
Nat conv
Airflow
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Iout (A)
Nat conv
Airflow
50
60
70
80
90
0.1
0.2
0.3
0.4
0.5
0.6
Iout - (A)
53V
38V
75V
VIN
0
10
20
30
40
50
0.1
0.2
0.3
0.4
0.5
0.6
Iout (A)
38V
53V
75V
VIN
0
0.3
0.6
0.9
1.2
1.5
0.1
0.2
0.3
0.4
0.5
0.6
Iout (A)
75V
38V
53V
VIN
50
60
70
80
90
0.2
0.4
0.6
0.8
1
1.2
Iout (A)
38V
53V
75V
VIN
50
60
70
80
90
0.3
0.6
0.9
1.2
1.5
Iout (A)
38V
53V
75V
VIN
0
10
20
30
40
50
0.3
0.6
0.9
1.2
1.5
Iout (A)
75V
38V
53V
VIN
0
0.3
0.6
0.9
1.2
1.5
0.3
0.6
0.9
1.2
1.5
Iout (A)
75V
53V
38V
VIN
0
10
20
30
40
50
0.2
0.4
0.6
0.8
1
1.2
Iout (A)
75V
38V
53V
VIN
0
0.3
0.6
0.9
1.2
1.5
0.2
0.4
0.6
0.8
1
1.2
Iout (A)
75V
53V
38V
VIN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com