Electronic Components Datasheet Search
  English  ▼

X  

XGS12000 Datasheet(PDF) 21 Page - ON Semiconductor

Part # XGS12000
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS12000 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button XGS12000 Datasheet HTML 17Page - ON Semiconductor XGS12000 Datasheet HTML 18Page - ON Semiconductor XGS12000 Datasheet HTML 19Page - ON Semiconductor XGS12000 Datasheet HTML 20Page - ON Semiconductor XGS12000 Datasheet HTML 21Page - ON Semiconductor XGS12000 Datasheet HTML 22Page - ON Semiconductor XGS12000 Datasheet HTML 23Page - ON Semiconductor XGS12000 Datasheet HTML 24Page - ON Semiconductor XGS12000 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
XGS Family
www.onsemi.com
21
INTEGRATION MODES
In a global shutter sensor, light integration takes place on
all pixels in parallel, although subsequent readout is
sequential. Figure 14 shows the integration and readout
sequence for the global shutter. All pixels are light sensitive
during the same period of time.
Figure 14. Global Shutter Operation
Time
Integration Time
Burst
Readout
Time
Common Reset
(SFOT)
Common Sample & Hold
(EFOT)
Progressive read,
line by line
(ROT + readout)
The whole pixel core is reset simultaneously and after the
integration time all pixel values are sampled at the same time
on the storage node inside each pixel. The pixel core is read
out line by line after integration. Note that Figure 14 shows
a configuration where integration and readout operations are
not pipelined. In a pipelined configuration, integration and
readout are performed simultaneously.
Pipelined Global Shutter Mode
In pipelined shutter mode, the integration and readout are
active concurrently. Images are continuously read and
integration of frame N is ongoing during readout of the
previous frame N−1. The readout of every frame starts with
a Frame Overhead time (EFOT), during which the analog
value on the pixel diode is transferred to the pixel memory
element. After the Frame Overhead Time, the sensor is read
out line per line. Image array operations and readout are
pipelined. The image array operations are performed in the
Row Overhead Time (ROT). During the ROT sequence, an
image row is selected for readout.
At the start of the integration the sequencer schedules
another global operation on the pixel array. This sequence is
referred to as Start of integration frame overhead sequence
(SFOT). During this SFOT, the readout shall be halted
temporarily.
MASTER MODE (NON−TRIGGERED)
Figure 15. Master Mode (non−Triggered)
In this operation mode, the integration time is set through
the register interface and the sensor integrates and reads out
the images autonomously. The sensor acquires images
without any user interaction as shown in Figure 15.
On a high level, the frame time consists of a
non−integrating time and integration time (during which the
pixels are light sensitive and integrating light). The sum of
both parameters is the frame time, which is configured in
multiple of line periods. Within this total frame time, the
Sequencer schedules the frame operations required to
initiate and terminate the light integration. The integration
period is started with a Start−of−Integration FOT (SFOT)
sequence and is ended with an End−of−Integration FOT
(EFOT) sequence. Note that both SFOT and EFOT
operations take some time during which the readout will be
halted. This will be reflected in an idle period on the sensor’s
interface. The parameters defining the frame and integration
properties are listed in Table 9 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com