Electronic Components Datasheet Search
  English  ▼

X  

NFZ2MSD301SZ10 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # NFZ2MSD301SZ10
Description  NFZ2MSD_SZ is a noise filter designed for noise suppression of audio lines in car navigation systems, car radios, and other automotive information equipment.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

NFZ2MSD301SZ10 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  NFZ2MSD301SZ10 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd NFZ2MSD301SZ10 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd NFZ2MSD301SZ10 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
NFZ2MSD301SZ10#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of NFZ2MSD301SZ10# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=NFZ2MSD301SZ10%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated07/18/2022
Specifications
Shape
SMD
Size Code (in inch)
0806
Length
2.0mm
Length
 Tolerance
±0.2mm
Width
1.6mm
Width Tolerance
±0.2mm
Thickness
1.2mm
Thickness
 Tolerance
max.
Operating Temperature
Range
-40
℃ to 85℃
Operating Temperature
Range (Self-temperature
rise is included)
-40
℃ to 125℃
Mass(typ.)
0.0188g
Number of Circuit
1
Rated Current (at 85
℃)
3.8A
DC Resistance(max.)
26mΩ
DC Resistance
26mΩ max.
Impedance (at 10MHz)
21Ω
Impedance (at 10MHz)
Tolerance
±30%
Impedance (at 100MHz)
300Ω
Impedance (at 100MHz)
Tolerance
(Typ.)
Size Code (in mm)
2016
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com